Electronic Components Datasheet Search
  English  ▼

X  

ICS9112M-32 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9112M-32
Description  Frequency Generator for Fibre Channel Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112M-32 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9112M-32 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112M-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112M-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112M-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112M-32 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9112-31/32
Block Diagram
Frequency Generator for Fibre Channel Systems
Applications
9112-31 9112-32 Rev D 3/2/99
The ICS9112-31/32 are high-speed clock generators designed
to support fibre channel system requirements. The ICS9112-
31/32 generates 106.25 MHz from a 25 MHz crystal.
An exact frequency multiplying ratio ensures better than
±100 ppm frequency accuracy using a standard AT crystal
with external load capacitors (typically 33pF ±5% for an
18pF load crystal). Achieving ±100 ppm over four years
requires the crystal to have a ±20 ppm initial accuracy, ±30
ppm temperature and ±5 ppm/year aging coefficients.
The ICS9112-31/32 with less than 25ps accumulative jitter
is well suited for Fibre Channel applications.
•
Generates 106.25 MHz clocks from a 25 MHz
crystal
•
Less than 45ps one sigma jitter (15ps typ.)
•
Less than ±130ps absolute jitter
•
Less than 25ps accumulative jitter @ 256 cycles
•
Rise/fall times less than 1.2ns driving 15pF
•
On-chip loop filter components
•
3.0V-5.5V supply range
•
8-pin, 150-mil SOIC package
•
Specifically designed to support the high-speed
clocking requirements of fibre channel systems.
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.
Preliminary Product Preview


Similar Part No. - ICS9112M-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112M-35 ICST-ICS9112M-35 Datasheet
225Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
ICS9112M-36 ICST-ICS9112M-36 Datasheet
225Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
More results

Similar Description - ICS9112M-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-35 ICST-ICS9112-35 Datasheet
225Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS9112-33 ICST-ICS9112-33 Datasheet
227Kb / 5P
Frequency Generator for Fibre Channel Systems
Rev D 3/3/99
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com