Electronic Components Datasheet Search
  English  ▼

X  

ICS9120-45 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9120-45
Description  Low-Cost 8-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-45 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9120-45 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-45 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-45 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-45 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-45 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9120-45
Absolute Maximum Ratings
Electrical Characteristics at 5 V
* Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
AVDD,VDD referenced to GND . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
VDD = +4.5 to +5.5 V, TA = 0-70
oC unless otherwise stated
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
--
0.8
V
Input High Voltage
V
IH
2.0
-
-
V
Input Low Current
I
IL
VIN=0V (For -09 only)
-
-8.3
-18.0
µA
Input High Current
I
IH
VIN=VDD (For -09 only)
-
-
5.0
µA
Output Low Voltage
V
OL*
IOL=+10mA
-
0.15
0.4
V
Output High Voltage
V
OH
*
IOH=-30mA
2.4
3.7
-
V
Output Low Current
I
OL
*
VOL=0.8V
25.0
45.0
-
mA
Output High Current
I
OH
*
VOH=2.4V
-
-53.0
-35.0
mA
Supply Current
I
CC
Unloaded
-
22.0
50.0
mA
Supply Current
I
CC
Unloaded (For -09 only)
-
180.0
500.0
µA
Pull-up Resistor Value
R
pu
*
(For -09 only)
-
400.0
800.0
k ohm
AC Characteristics
Rise Time 0.8 to 2.0V
T
r
*
15pF load
-
0.9
2.0
ns
Fall Time 2.0 to 0.8V
T
f*
15pF load
-
0.7
1.5
ns
Rise Time 20% to 80%
T
r*
15pF load
-
1.8
3.25
ns
Fall Time 80% to 20%
T
f*
15pF load
-
1.4
2.5
ns
Duty Cycle
D
t*
15pF load @ 50% of VDD;
Except REFCLK
45.0
50.0
55.0
%
Duty Cycle
D
t*
15pf load @ 50% of VDD;
REFCLK only
40.0
50.0
60.0
%
Jitter, One Sigma
T
jis
*
For all frequencies except
REFCLK
-
85.0
-
ps
Jitter, Absolute
T
jab
For all frequencies except
REFCLK
-700.0
380.0
700.0
ps
Jitter, One Sigma
T
jis*
REFCLK only
-
266.0
600.0
ps
Jitter, Absolute
T
jab
REFCLK only
-1.5
380.0
1.5
ns
Input Frequency
F
i
*
11.0
14.0
17.0
MHz
Output Frequency
F
o
*
11.0
-
42.0
MHz
Power-up Time
T
pu
*
0 to 33.8 MHz
-
5.5
12.0
ms
Crystal Input Capacitance
C
inx
*
X1 (Pin 1)# X2 (Pin 8; -08 only)
-
5
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com