Electronic Components Datasheet Search
  English  ▼

X  

ICS9120-49 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9120-49
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-49 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9120-49 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-49 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-49 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-49 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-49 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9120-49
Absolute Maximum Ratings
Electrical Characteristics at 5 V
VDD = +4.5 to +5.5 V, TA = 0 to 70
oC unless otherwise stated
*Parameter is guaranteed by design and characterization. Not 100% tested in production.
AVDD, VDD referenced to GND .......................................................................... 7V
Operating temperature under bias .................................................... 0
oC to +70oC
Storage temperature ..................................................................... -65
oC to +150oC
Voltage on I/O pins referenced to GND ...................... GND -0.5V toVDD +0.5V
Power dissipation ...................................................................................... 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Low Current
IIL
VIN=0V
-18.0
-8.3
-
µA
Input High Current
IIH
VIN=VDD
-
-
5.0
µA
Output Low Voltage
VOL*
IOL=+10mA
-
0.15
0.4
V
Output High Voltage
VOH*
IOH=-30mA
2.4
3.7
-
V
Output Low Current
IOL*VOL=0.8V
25.0
45.0
-
mA
Output High Current
IOH*VOH=2.4V
-
-53.0
-35.0
mA
Supply Current
IDD*
Unloaded
-
38.0
75.0
mA
Pull-up Resistor Value
Rpu*
-
400.0
800.0
k ohm
AC Characteristics
Rise Time
Tr*
15pF load 0.8 to 2.0V
-
0.9
2.0
ns
Fall Time
Tf*
15pF load 2.0 to 0.8V
-
0.7
1.5
ns
Rise Time
Tr*
15pF load 20% to 80%
-
1.8
2.5
ns
Fall Time
Tf*
15pF load 80% to 20%
-
1.4
2.0
ns
Duty Cycle
Dt*
15pF load @ 50% of
VDD; Except REFCLK
45.0
50.0
55.0
%
Duty Cycle
Dt*
15pF load @ 50% of
VDD; REFCLK only
40.0
50.0
60.0
%
Jitter, One Sigma
Tjis*
For all frequencies except
REFCLK
-
60.0
180.0
ps
Jitter, Absolute
Tjab*
For all frequencies
except REFCLK
-300.0
180.0
300.0
ps
Jitter, One Sigma
Tjis*
REFCLK only
-
150.0
200.0
ps
Jitter Absolute
Tjab*
REFCLK only
-700.0
400.0
700.0
ns
Input Frequency Range
Fi*
11.0
14.0
17.0
MHz
Output Frequency Range
Fo*
11.0
-
68.0
MHz
Power-up Time
Tpu*
0 to 40.3 MHz
-
5.5
12.0
ms
Crystal Input Capacitance
Cinx*
X1 (Pin 1),
X2 (Pin 8)
-5
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com