Electronic Components Datasheet Search
  English  ▼

X  

HBLDS3SSVFD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HBLDS3SSVFD
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBLDS3SSVFD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HBLDS3SSVFD Datasheet HTML 3Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 9Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 10Page - List of Unclassifed Manufacturers HBLDS3SSVFD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
7
• Plug and switch are interlocked for superior safety
• UL1686 C1 listed and fully interchangeable with other UL1686 C1 devices
• Compact size and footprint for easy placement
• NEMA 4X with receptacle lid turned shut or with plug locking ring tightened
Unfused Mechanical Interlocks and Plugs
Amp
Poles/Wires
Voltage AC
Receptacle
Plug
30
3 Pole, 2 Wire
600V AC
HBLVSQ3023
HBLVP3385
4 Pole, 3 Wire
600V AC
HBLVSQ3034
HBLVP3485
60
3 Pole, 2 Wire
600V AC
HBLVSQ6023
HBLVP6385
4 Pole, 3 Wire
600V AC
HBLVSQ6034
HBLVP6485
Note: HBLVSQ Series 30A models come standard with 1" drilled and tapped conduit openings top and bottom plus two 1" x ¾"
reducers and one ¾" close-up plug for maximum flexibility.
60A models come with one 1½" opening on top and bottom and one 1½" close-up plug.
Hubbell’s hazardous location unfused disconnect and mechanical
interlock switches are ideal for applications with the presence of
flammable gases or vapors, or ignitable dusts and fibers. They
are also suitable for use in outdoor or indoor damp, wet and dirty
locations or in areas where frequent wash-downs, heavy rain or
water spray routinely occurs. Compact in size to reduce cost
over industry standard sizes, these switches are easy to position
on the wall or piece of equipment. The enclosures are made of
copper-free aluminum and have a polyester/epoxy finish to prevent
corrosion. The high visibility handles can be locked to meet OSHA
lockout/tagout regulations.
Hubbell hazardous location mechanical interlocks and plugs offer
superior safety. The plug and switch are interlocked so that the
switch cannot be turned “ON” without the plug fully inserted, and
the plug cannot be removed when the switch is in the “ON” position.
The switch features a copper-free aluminum construction with
epoxy finish and a chemical-resistant Valox® handle mechanism.
HBLB7NFD26A
HBLB7NFD13A
Unfused Disconnect Switches
3 Pole 600V AC/230V DC
Amp
Description
Catalog Number
30
Disconnect switch.
HBLB7NFD13A
Disconnect switch with auxiliary contact.
HBLB7NFD13AA
60
Disconnect switch.
HBLB7NFD26A
Disconnect switch with auxiliary contact.
HBLB7NFD26AA
100
Disconnect switch.
HBLB7NFD21A
Disconnect switch with auxiliary contact.
HBLB7NFD21AA
Hazardous Location Unfused Disconnect Switches,
Mechanical Interlocks and Plugs
Heavy Duty Industrial Environments
• Compact size provides application flexibility and cost savings
• Fewer cover bolts reduces installation and maintenance time
• Removable ductile mounting lugs adjust to irregular mounting surfaces
• UL 98 certified switch
HBLVSQ3034
HBLVP3485
Class I, Div. 1 & 2, Groups B,C,D
Class l, Zones 1 & 2, Groups llB+ H2, llA
Class II, Div. 1 & 2, Groups E,F,G
Class III
NEMA 3, 4, 4X, 7(B,C,D), 9(E,F,G)
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com