Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-03
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-03 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9148-03
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic high to VDD logic low to GND.
3. Internal Pulldown Resistor of 240K to GND on SS_type
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD1
PWR
Ref (0:1), XTAL power supply, nominal 3.3V
2
REF0
OUT
14.318 MHz reference clock.
CPU3.3#_2.5
1,2
IN
Indicates whether VDDL2 is 3.3V or 2.5V. High=2.5V CPU, LOW=3.3V
CPU. Latched Input.
3,9,16,22,27,
33,39,45
GND
PWR
Ground
4X1
IN
Crystal input, has internal load cap (33pF) and feedback
resistor from X2
5
X2
OUT
Crystal output, nominally 14.318MHz. Has internal load cap (33pF)
6,14
VDD2
PWR
Supply for PCICLK_F and PCICLK (0:5), nominal 3.3V
7
PCICLK_F
OUT
Free running PCI clock
FS1
1,2
IN
Frequency select pin. Latched Input.
8
PCICLK0
OUT
PCI clock output.
FS2
1,2
IN
Frequency select pin. Latched Input.
10, 11, 12, 13
PCICLK(1:4)
OUT
PCI clock outputs.
15
PCICLK5
OUT
PCI clock output. (In desktop mode, MODE=1)
PCI_STOP#
1
IN
Halts PCICLK (0:5) clocks at logic 0 level, when input low
(In mobile mode, MODE=0)
17, 18, 20, 21,
28, 29, 31, 32,
34, 35,37,38
SDRAM (0:11)
OUT
SDRAM clock outputs.
19,30,36
VDD3
PWR
Supply for SDRAM (0:11), PLL core and 24, 48MHz clocks, nominal
3.3.V
23
SS_EN#
1
IN
Spread Spectrum Enable. Low =Enable
24
SS_TYPE
3
IN
HIGH = Spread Spectrum down spread. LOW = Spread Spectrum Center
spread. Input has Pulldown to GND
25
24MHz
OUT
24MHz output clock
MODE1,2
IN
Pin 15, pin 46 function select pin, 1=Desktop Mode, 0=Mobile mode.
Latched Input.
26
48MHz
OUT
48MHz output clock
FS0
1,2
IN
Frequency select pin. Latched Input.
40, 41, 43, 44
CPUCLK(0:3)
OUT
CPU clock outputs, powered by VDDL2. Low if CPU_STOP#=Low
42
VDDL2
PWR
Supply for CPU (0:3), either 2.5V or 3.3V nominal
46
REF1
OUT
14.318 Mhz reference clock.(in Desktop Mode, MODE=1) This REF Output
is the STRONGER buffer for ISA loads.
CPU_STOP#
1
IN
Halts CPUCLK (0:3) clocks at logic 0 level when input low
(in Mobile Mode, MODE=0)
47
IOAPIC
OUT
IOAPIC clock output. 14.318 MHz Powered by VDDL1.
48
VDDL1
PWR
Supply for IOAPIC, either 2.5V or 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com