Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-13 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9148-13
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-13 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9148-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9148- 13
General Layout Precautions:
1) Use a ground plane on the top layer
of the PCB in all areas not used by
traces.
2) Make all power traces and vias as
wide as possible to lower inductance.
Notes:
1 All clock outputs should have series
terminating resistor. Not shown in all
places to improve readibility of
diagram
2 Optional EMI capacitor should be
used on all CPU, SDRAM, and PCI
outputs.
3. Optional crystal load capacitors are
recommended
Capacitor Values:
C1, C2: Crystal load values determined by user.
All unmarked capacitors are 0.01µF ceramic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com