Electronic Components Datasheet Search
  English  ▼

X  

HBL2330SW Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HBL2330SW
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL2330SW Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HBL2330SW Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 9Page - List of Unclassifed Manufacturers HBL2330SW Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
6
HBLAC1
HBLAC2
Unfused Disconnect Switches in Stainless Steel Enclosure
3 Pole 600V AC
Amp Description
Catalog Number
30
Circuit-Lock disconnect switch.
HBLDS3SS
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS3SSAC
Circuit-Lock disconnect switch for use with variable frequency drives.
HBLDS3SSVFD
60
Circuit-Lock disconnect switch.
HBLDS6SS
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS6SSAC
100
Circuit-Lock disconnect switch.
HBLDS10SS
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS10SSAC
MotorQuick® Unfused Disconnect Switches in Stainless Steel Enclosures
3 Pole 600V AC
Amp Description
Catalog Number
30
HBLDS3SS with one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3SSMQR
HBLDS3SS with 5 foot pre-wired LINKOSITY® female cable (load side).
HBLDS3SSMQ5
HBLDS3SS with one pre-wired LINKOSITY® male receptacle (line side) and
one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3SSMQR2
Accessories
Description
Catalog Number
“Break After Main Break”, 1 set of n/o contacts, 1 set of n/c contacts.
HBLAC1
“Break Before Main Break”, 1 set of n/o contacts.
HBLAC2
• Certified by NSF for hygiene in food processing applications
• Cover is embossed with ON and OFF
• Compact footprint
• MotorQuick® option (30A only)
• Increased depth accommodates up to 1½" size conduits
Hubbell’s stainless steel disconnect switch has been certified by
NSF International for hygiene applications in food and beverage
processing. These switched enclosures are designed for harsh
environments to withstand exposure to water, chemicals, oils and
frequent wash-downs. They feature 304 Series Stainless Steel
and are UL listed Type 4X and 12 with a high visibility red handle
that can be locked in the "OFF" position for compliance with
OSHA lockout/tagout regulations. The DIN-rail mounted switch
accommodates up to two auxiliary contacts for control circuit
applications.
HBLDS3SSMQR
HBLDS6SS
HBLDS3SS
Disconnect Switches in Stainless Steel Enclosure
"Suitable as Motor Disconnects"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com