Electronic Components Datasheet Search
  English  ▼

X  

EX845 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX845
Description  CAT IV 1000A Clamp Meter IR Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX845 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX845 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
EX845 ..................1000A AC/DC True RMS Clamp/DMM+IR Thermometer
Features:
• Built-in non-contact IR Thermometer design
with laser pointer
• METERLiNK Wireless communication with FLIR Thermal
Imaging Cameras (b60, i60, B-Series, and T-Series)
• CAT IV safety rating for industrial applications
• True RMS Current and Voltage measurements
• Peak hold captures inrush currents and Transients
• 1.7" (43mm) jaw opening for conductors up to
750MCM or two 500MCM
• 4000 count backlit display
• Autoranging with manual range button
• Data Hold, Min/Max and Auto Power off
• Complete with CAT IV test leads, 9V battery, general
purpose Type K probe, pouch case, and Professional
Test Lead Set
CAT IV 1000A Clamp Meter + IR Thermometer
Bluetooth
® Transmitter with METERLiNK™
Wirelessly transmits Voltage and Current readings to your FLIR high-definition
infrared camera to incorporate meter readings with thermal images
Specifications subject to change without notice.
Copyright © 2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
1/19/12 - R1
Specifications
Range
Basic Accuracy
AC/DC Current
0.1 to 1000A
±2.8%
AC/DC Voltage
0.1mV to 1000V
AC: ±1.5%; DC: ±2.8%
Resistance
0.1 to 40MΩ
±1.5%
Capacitance
0.001nF to 40,000μF
±3.0%
Frequency
0.001kHz to 4kHz
±1.5%
IR Temperature
-58 to 518ºF (-50 to 270ºC)
±2.0% rdg or ±4ºF/±2ºC
Type K Temperature
-4 to 1400ºF (-20 to 760ºC)
±(3%rdg+9°F/5ºC)
Continuity
Yes
Inrush
Yes
Diode
Yes
Dimensions/Weight
10.6x4.3x2" (270x110x50mm)/ 13.6oz (386g)
METERLiNK frees the Thermographer
from the manual process of
collecting field data
Infrared cameras quickly locate problems
with electrical equipment
Collecting current measurements and
associating them with the right component
identified on an infrared image, can be a
complicated and cumbersome process
Manual data collection results in unnecessary
complexity and risk. METERLiNK eliminates this
problem by allowing the thermographer to quickly
take a current reading on an electrical target and
associate those readings with the corresponding
targets stored in an infrared image
Built-in IR Thermometer with laser
pointer is an excellent troubleshooter for
locating hot spots and overheating motors.
CAT IV -600V safety rating for added
protection and True RMS feature gives
you accurate readings of non-sinusoidal
waveforms.
Professional Test Leads:
•
8-Piece Professional Test Lead set
•
Two 42" (1m) PVC lead extensions with shrouded banana
plugs at both ends
•
Two modular 4" (102mm) Heavy Duty test probe handles
with 0.16" (4mm) banana plug tip
•
Two standard size, alligator clips with insulated rubber boot
•
Two extra large, double-insulated, alligator clips with sharp
teeth for piercing insulated wire. Jaws open to 0.8" (20mm)
Patented


Similar Part No. - EX845

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX84 ETC-EX84 Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
EX84-SEC ETC-EX84-SEC Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
logo
Extech Instruments Corp...
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
More results

Similar Description - EX845

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380976 EXTECH-380976 Datasheet
260Kb / 1P
1000A AC Power Clamp Meter
EX622 EXTECH-EX622 Datasheet
452Kb / 15P
400Amp True RMS AC Clamp Meter with IR Thermometer
EX623 EXTECH-EX623 Datasheet
455Kb / 15P
400Amp True RMS AC/DC Clamp Meter with IR Thermometer
EX810 EXTECH-EX810_15 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
EX820 EXTECH-EX820 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
EX830 EXTECH-EX830 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
EX570 EXTECH-EX570_15 Datasheet
494Kb / 1P
CAT IV Industrial MultiMeter IR Thermometer
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
PQ2071 EXTECH-PQ2071_15 Datasheet
636Kb / 1P
1000A TRMS AC Power Clamp Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com