Electronic Components Datasheet Search
  English  ▼

X  

EX900 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX900
Description  ExStik짰 4-in-1 Water Quality Meter Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX900 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX900 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2015 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
1/2/15 - R1
Surface measurements of Chlorine, pH, or ORP
Using a flat surface electrode
ExStik
® 4-in-1 Water Quality Meter Kits
Features:
• 4-in-1 Water Quality Meter measures Chlorine, pH, ORP plus
Temperature with interchangeable flat surface electrodes (included)
• Flat surface electrodes work in liquids, semi-solids and solids
• Memory stores and recalls 15 readings and saves last calibrated value
• Large 3-1/2 digit (2000 count) Digital display with bargraph
(pH bargraph originates at neutral point 7.00pH)
• Automatic electronic self calibration for Chlorine and ORP;
1, 2 or 3 point buffer calibration for pH
• Data Hold, Auto shut-off and low battery indication
• Waterproof design floats in wet environment (IP57)
• Direct reading of Total Chlorine from low detection limit;
Unaffected by sample color or turbidity
• Simultaneous display of ppm or pH and °C/°F Temperature
• Smart chip predicts pH electrode performance with "RENEW" indicator
when replacement is needed
• "CAL" indicator alerts user to recalibrate pH electrode
• Automatic Temperature Compensation
• EX900 Kit Complete with ExStik® Chlorine meter, gel filled pH
electrode, ORP electrode, protective sensor cap, 5 packs of
10 reagent tablets (50 tests), 4 plastic sample cups,
weighted stand, pH 4, 7 & 10buffer packs,
four 3V SR44W batteries, carrying case, and neckstrap
• EX900-R Kit is same as EX900 but includes a refillable pH electrode
• EX800 Kit is same as EX900 but excludes ORP electrode
Ordering Information:
EX900 ......ExStik® Kit 4-in-1 (pH – gel filled, ORP, Chlorine, Temperature)
EX900-R....ExStik® Kit 4-in-1 (pH – refillable, ORP, Chlorine, Temperature)
EX800 ......ExStik® Kit 3-in-1 (pH, Chlorine, Temperature)
PH103 ......Tripak buffers (6ea. of 4, 7, 10pH & 2 Rinsing solutions)
PH105 ......Spare pH electrode
PH115 ......Spare Refillable pH ExStik® Electrode Module
CL203........Reagent tablets (10pk - 100 tests)
CL204........Reagent tablets (100pk - 1000 tests)
CL205........Spare Chlorine electrode
RE305 ......Spare ORP electrode
EX007 ......Spare sample solution cups with caps (24pk)
EX010 ......Extension Cable, 3ft (1 Meter) with probe weight for ExStik
EX050 ......Extension Cable, 16ft (5 Meter) with probe weight for ExStik
Patents Pending
Specifications
Chlorine
pH
ORP
pH
—
0.00 to 14.00pH
—
ppm
0.01 to 10.00ppm
——
mV
——
-999 to 999mV
Temperature
23° to 194°F (-5 to 90°C)
23° to 194°F (-5 to 90°C)
—
Resolution
0.01ppm
0.01pH
4mV
Accuracy
±10% of rdg. + 0.01ppm
±0.01pH
±1mV
Power
four 3V CR-2032 button batteries
Dimensions
1.4 x 6.8 x 1.6” (35.6 x 172.7 x 40.6mm)
Weight
3.85oz (110g)
ExStik
® Kit includes all the
necessary accessories to
measure Chlorine, pH, ORP,
and Temperature.


Similar Part No. - EX900

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
EX9200 JUNIPER-EX9200 Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
EX9200 JUNIPER-EX9200 Datasheet
1Mb / 14P
Ethernet Switch
May 2016
EX9200-2C-8XS JUNIPER-EX9200-2C-8XS Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
EX9200-32XS JUNIPER-EX9200-32XS Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
EX9200-40F JUNIPER-EX9200-40F Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
More results

Similar Description - EX900

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
Indoor Air Quality Meter/Datalogger
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
ExStik짰 Waterproof Refillable pH Meter
RE300 EXTECH-RE300_15 Datasheet
111Kb / 1P
ExStik짰 ORP Waterproof Meter
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
Indoor Air Quality Meter/Datalogger
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
logo
TT Electronics.
DS1015 TTELEC-DS1015 Datasheet
300Kb / 1P
Water Meter
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com