Electronic Components Datasheet Search
  English  ▼

X  

RJFC7G Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJFC7G
Description  Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJFC7G Datasheet(HTML) 2 Page - Amphenol Corporation

  RJFC7G Datasheet HTML 1Page - Amphenol Corporation RJFC7G Datasheet HTML 2Page - Amphenol Corporation RJFC7G Datasheet HTML 3Page - Amphenol Corporation RJFC7G Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Main Characteristics
Main Characteristics
Environmental Protection
• Sealing : IP67
• Salt Spray :
48 h with Nickel plating
> 96 h with black coating
> 500 h with Oliv Drab Cadmium
• Fire Retardant / Low Smoke : UL94 V0 and NF F 16 101 & 16 102
• Vibrations : 10 – 500 Hz, 10 g, 3 axes : no discontinuity > 10 nano s.
• Shocks : IK06 : weight of 250 g drop from 40 cm [15.75 in] onto
connectors (mated pair)
• Humidity : 21 days, 43°C, 98% humidity
• Thermal Shock : 5 cycles at - 40°C / +100°C
• Temperature Range : - 40°C / +85°C
Data Transmission
•10 BaseT, 100 BaseTX and 1000 BaseT networks
Cat 5e per TIA/EIA 568B and ClassD per ISO/IEC 11801
Mechanical
• Bayonet coupling ( “Audible & Visual” coupling signal )
• 4 mechanical Coding / Polarization possibilities by the
user (insert rotation)
• RJ45 cordset retention in the plug : 100 N in the axis
• Mating cycles : 500 min
Universal : Can be used with all standard * RJ45 Cat.5e cordset brands
RJStop
®
Patent
Assembly instructions
1.
Push down the RJ45 cordset latch, and fix it inside
the insert
2.
Press in and click the other part of the insert
3.
Insert in the metallic housing
Easy and Safe : No field cabling tools required
* The RJStop
® system allows the use of standard RJ45 cordsets regardless their Brand. However, Amphenol Socapex can
provide Cat5-5e cordset with reinforced jacket to be used in harsh environments (shocks, oils, fuel,…). Please consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com