Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-26 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-26
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-26 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-26 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-26 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS9148-26
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD1
PWR
Ref (0:2), XTAL power supply, nominal 3.3V
2REF0
OUT
14.318 Mhz reference clock.This REF output is the
STRONGER buffer for ISA BUS loads
3,9,16,22,
33,39,45
GND
PWR
Ground
4X1
IN
Crystal input, has internal load cap (36pF) and feedback
resistor from X2
5X2
OUT
Crystal output, nominally 14.318MHz. Has internal load
cap (36pF)
6,14
VDD2
PWR
Supply for PCICLK_F and PCICLK (0:5), nominal 3.3V
7
PCICLK_F
OUT
Free running PCI clock
MODE
1, 2
IN
Pin 17, pin 18 function select pin, 1=Desktop Mode, 0=Mobile
Mode. Latched Input.
8
PCICLK0
OUT
PCI clock output.
10, 11, 12, 13
PCICLK(1:4)
OUT
PCI clock outputs.
15
BUFFER IN
IN
Input to Fanout Buffers for SDRAM outputs.
18
PCI_STOP#
1
IN
Halts PCICLK(0:4) clocks at logic 0 level, when input low (In
mobile mode, MODE=0)
17, 18, 20, 21,
28, 29, 31, 32,
34, 35,37,38,40,41
SDRAM (0:13)
OUT
(Pins 17, 18 SDRAM output only if MODE=High)
SDRAM clock outputs, Fanout Buffer outputs from BUFFER IN pin
(controlled by chipset).
19,30,36
VDD3
PWR
Supply for SDRAM (0:13) and CPU PLL Core, nominal 3.3V.
23
SDATA
IN
Data input for I
2 C serial input, 5V tolerant input
24
SCLK
IN
Clock input of I
2 C input, 5V tolerant input
25
24MHz
OUT
24MHz output clock
FS1
1, 2
IN
Frequency select pin. Latched Input.
26
48MHz
OUT
48MHz output clock
FS0
1, 2
IN
Frequency select pin. Latched Input
27
VDD4
PWR
Power for 24 & 48MHz output buffers and fixed PLL core.
43, 44
CPUCLK(0:1)
OUT
CPU clock outputs, powered by VDDL2. Low if CPU_STOP#=Low
42
VDDL2
PWR
Supply for CPU (0:1), either 2.5V or 3.3V nominal
46
REF1
OUT
14.318 MHz reference clock.
FS2
1, 2
IN
Frequency select pin. Latched Input
17
CPU_STOP#
1
IN
Halts CPUCLK (0:1) clocks at logic 0 level, when input low (in
Mobile Mode, MODE=0)
47
IOAPIC
OUT
IOAPIC clock output. 14.318 MHz Powered by VDDL1.
48
VDDL1
PWR
Supply for IOAPIC, either 2.5 or 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com