Electronic Components Datasheet Search
  English  ▼

X  

SNAP-AITM Datasheet(PDF) 21 Page - Opto Electronics Co,. LTD

Part # SNAP-AITM
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AITM Datasheet(HTML) 21 Page - Opto Electronics Co,. LTD

Back Button SNAP-AITM Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AITM Datasheet HTML 25Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
21
ICTD Temperature Input Module (continued)
SNAP-AICTD-4 (Four channels)
Two-channel module wiring is shown on the previous page.
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com