Electronic Components Datasheet Search
  English  ▼

X  

EMD6 Datasheet(PDF) 2 Page - Rohm

Part # EMD6
Description  NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD6 Datasheet(HTML) 2 Page - Rohm

  EMD6 Datasheet HTML 1Page - Rohm EMD6 Datasheet HTML 2Page - Rohm EMD6 Datasheet HTML 3Page - Rohm EMD6 Datasheet HTML 4Page - Rohm EMD6 Datasheet HTML 5Page - Rohm EMD6 Datasheet HTML 6Page - Rohm EMD6 Datasheet HTML 7Page - Rohm EMD6 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD6 / UMD6N / IMD6A
Absolute maximum ratings
(Ta = 25
C)
Electrical characteristics
(Ta = 25°C) <For DTr1(NPN)>
Symbol
Electrical characteristics
(Ta = 25°C) <For DTr2(PNP)>
Symbol
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
Parameter
Symbol
DTr1(NPN)
DTr2(PNP)
Unit
Collector-base voltage
VCBO
50
50
V
Collector-emitter voltage
VCEO
50
50
V
Emitter-base voltage
VEBO
5
5
V
IMD6A
300 (Total)
*4
mW
Junction temperature
Tj
150
°C
Collector current
IC
100
100
mA
Collector Power dissipation
EMD6 / UMD6N
PC
*2
150 (Total)
*3
mW
Range of storage temperature
Tstg
55 to 150
°C
Parameter
Conditions
Min.
Typ.
Max.
Unit
Emitter-base breakdown voltage
BVEBO
IE= 50A
Collector-base breakdown voltage
BVCBO
IC= 50A
50
-
-
nA
Emitter cut-off current
IEBO
VEB = 4V
-
-
500
nA
5-
-
Collector cut-off current
ICBO
VCB = 50V
-
-
500
V
Collector-emitter breakdown voltage
BVCEO
IC= 1mA
50
-
-
mV
DC current gain
hFE
VCE= 5V, IC= 1mA
100
300
600
-
Collector-emitter saturation voltage
VCE(sat)
IC / IB= 5mA / 0.25mA
-
-
300
Parameter
Conditions
Min.
Typ.
Max.
Unit
-
Transition frequency
fT
*1
VCE = 10V, IE = 5mA
f = 100MHz
-
250
-
MHz
Input resistance
R1
-
3.29
4.7
6.11
Emitter-base breakdown voltage
BVEBO
IE= 50A
Collector-base breakdown voltage
BVCBO
IC= 50A
50
--
nA
Emitter cut-off current
IEBO
VEB = 4V
--
500
nA
5
--
Collector cut-off current
ICBO
VCB = 50V
--
500
V
Collector-emitter breakdown voltage
BVCEO
IC= 1mA
50
--
mV
DC current gain
hFE
VCE= 5V, IC= 1mA
100
300
600
-
Collector-emitter saturation voltage
VCE(sat)
IC / IB= 5mA / 0.25mA
--
300
-
Transition frequency
fT
*1
VCE = 10V, IE = 5mA
f = 100MHz
-
250
-
MHz
Input resistance
R1
-
3.29
4.7
6.11
2/7
2014.12 - Rev.C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com