Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-58 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9148-58
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-58 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9148-58 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9148-58
Functionality
VDD1, 2, 3, 4 = 3.3V±5%,VDDL = 2.5V±5% or 3.3 ±5%, TA= 0 to 70°C
Crystal (X1, X2) = 14.31818MHz
CPU3.3#_2.5
Input level
(Latched Data)
Buffer Selected for
operation at:
12.5V VDD
03.3V VDD
CPU 3.3#_2.5V Buffer selector for CPUCLK drivers.
Power Management Functionality
Mode Pin - Power Management Input Control
MODE, Pin 25
(Latched Input)
Pin 17
Pin 18
0
CPU_STOP#
(INPUT)
PCI_STOP#
(INPUT)
1
SDRAM 11
(OUTPUT)
SDRAM 10
(OUTPUT)
CPU_STOP#
PCI_STOP#
AGP,
CPUCLK
Outputs
PCICLK
(0:5)
PCICLK_F,
REF,
24/48MHz
and SDRAM
Crystal
OSC
VCO
0
1
Stopped Low
Running
Running
Running
Running
1
1
Running
Running
Running
Running
Running
1
0
Running
Stopped Low
Running
Running
Running
FS2
FS1
FS 0
CP U
(M H z)
SD R A M ( M H z)
P C I (M H z)
A G P (M H z)
S D _ S EL= 1
S D _ S EL= 0
1
1
1
10 0. 2
100 . 2
66.6
33.3
66. 6
1
1
0
9 5 . 25
95. 25
63.5
31.75
63. 5
1
0
1
8 3 . 3
83. 3
66.6
33.3
66. 6
1
0
0
1 3 3 . 3
133 . 3
88.7
44.3
88. 7
01
1
7 5
7 5
75
37.5
7 5
0
1
0
124
124
82.7
41.3
82. 7
0
0
1
6 6 . 8
66. 8
66.8
33.4
66. 8
0
0
0
11 2
112
74.7
37.3
7 4. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com