Electronic Components Datasheet Search
  English  ▼

X  

SL42 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SL42
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SL42 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SL42 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL42 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL42 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL42 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL42 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL42 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1538, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SL42-SL44
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SL42
SL43
SL44
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Average Rectified Output Current
(Note 1)
@TA = 90°C
IF(AV)
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 4.0A,TA = 25°C
@IF = 4.0A,TA = 125°C
VFM
0.42
0.31
0.44
0.35
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
35
mA
Typical Thermal Resistance Junction to Ambient
RθJA
50
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Approximate Weight
wt
0.24
g
Case Style
SMC
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com