Electronic Components Datasheet Search
  English  ▼

X  

RD47F Datasheet(PDF) 2 Page - NEC

Part # RD47F
Description  ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD47F Datasheet(HTML) 2 Page - NEC

  RD47F Datasheet HTML 1Page - NEC RD47F Datasheet HTML 2Page - NEC RD47F Datasheet HTML 3Page - NEC RD47F Datasheet HTML 4Page - NEC RD47F Datasheet HTML 5Page - NEC RD47F Datasheet HTML 6Page - NEC RD47F Datasheet HTML 7Page - NEC RD47F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D13936EJ3V0DS00
2
RD2.0F to RD82F
ELECTRICAL CHARACTERISTICS (TA = 25
±±±± 2°°°°C)
Type Number
Zener Voltage
VZ (V)
Note 1
Dynamic Impedance
ZZ (
Ω)Note2
Reverse Current
IR (
µA)
Suffix
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
B1
1.88
2.12
RD2.0F
B
B2
2.01
2.25
40
25
40
200
0.5
B1
2.11
2.34
RD2.2F
B
B2
2.21
2.45
40
20
40
200
0.7
B1
2.31
2.55
RD2.4F
B
B2
2.41
2.65
40
15
40
200
1.0
B1
2.52
2.78
RD2.7F
B
B2
2.68
2.93
40
15
40
150
1.0
B1
2.83
3.07
RD3.0F
B
B2
2.97
3.22
40
15
40
100
1.0
B1
3.13
3.37
RD3.3F
B
B2
3.27
3.51
40
15
40
80
1.0
B1
3.43
3.68
RD3.6F
B
B2
3.58
3.83
40
15
40
60
1.0
B1
3.73
4.00
RD3.9F
B
B2
3.88
4.15
40
15
40
40
1.0
B1
4.03
4.28
B2
4.15
4.41
RD4.3F
B
B3
4.28
4.55
40
15
40
20
1.0
B1
4.41
4.65
B2
4.53
4.78
RD4.7F
B
B3
4.66
4.91
40
10
40
20
1.0
B1
4.79
5.05
B2
4.95
5.22
RD5.1F
B
B3
5.10
5.38
40
8
40
20
1.0
B1
5.28
5.56
B2
5.46
5.75
RD5.6F
B
B3
5.65
5.95
40
8
40
20
1.5
B1
5.76
6.14
B2
5.98
6.33
RD6.2F
B
B3
6.17
6.52
40
6
40
20
3.0
B1
6.35
6.71
B2
6.55
6.90
RD6.8F
B
B3
6.74
7.10
40
6
40
20
3.5
B1
6.93
7.33
B2
7.17
7.55
RD7.5F
B
B3
7.39
7.80
40
4
40
20
4.0
B1
7.58
8.03
B2
7.87
8.28
RD8.2F
B
B3
8.12
8.54
40
4
40
20
5.0
B1
8.34
8.80
B2
8.64
9.08
RD9.1F
B
B3
8.91
9.38
40
6
40
20
6.0
B1
9.16
9.67
B2
9.50
9.99
RD10F
B
B3
9.83
10.40
40
6
40
10
7.0
B1
10.22
10.75
B2
10.54
11.09
RD11F
B
B3
10.87
11.43
20
8
20
10
8.0
B1
11.19
11.77
B2
11.50
12.09
RD12F
B
B3
11.80
12.41
20
8
20
10
8.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com