Electronic Components Datasheet Search
  English  ▼

X  

HDV-PC Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # HDV-PC
Description  HDV Accessories VideoScope Camera probes & accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HDV-PC Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  HDV-PC Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDV Accessories VideoScope
Camera probes & accessories
Specialty HDV camera probes with various camera head sizes and cable lengths for HDV600 VideoScope
HDV-4CAM-1FM
HDV-4CAM-5FM
HDV-5CAM-1FM
HDV-5CAM-1R
HDV-5CAM-1RM
HDV-5CAM-3F
HDV-5CAM-3FM
HDV-5CAM-3R
HDV-5CAM-3RM
HDV-5CAM-10F
HDV-5CAM-30FM
HDV-25CAM-10G
HDV-25CAM-30G
HDV-TX1
HDV-TX1L
HDV-TX2
HDV-TX2L
Articulating Probe
HDV-WTX1
HDV-WTX1L
HDV-WTX2
HDV-WTX2L
Ordering
HDV-TX1 .................6mm Articulating VideoScope Camera Head with Macro lens and 1m Semi-Rigid Cable
HDV-TX1L ...............6mm Articulating VideoScope Camera Head with Long Focus lens and 1m Semi-Rigid Cable
HDV-WTX1..............6mm Wireless Articulating VideoScope Camera Head w/Macro lens & 1m Semi-Rigid Cable
HDV-WTX1L ............6mm Wireless Articulating VideoScope Camera Head w/Long Focus lens & 1m Semi-Rigid Cable
HDV-TX2 .................6mm Articulating VideoScope Camera Head w/Macro lens and 2m Semi-Rigid Cable
HDV-TX2L ...............6mm Articulating VideoScope Camera Head w/Long Focus lens and 2m Semi-Rigid Cable
HDV-WTX2..............6mm Wireless Articulating VideoScope Camera Head w/Macro lens & 2m Semi-Rigid Cable
HDV-WTX2L ............6mm Wireless Articulating VideoScope Camera Head w/Long Focus lens & 2m Semi-Rigid Cable
HDV-4CAM-1FM .....4mm VideoScope Camera Head with Macro lens and 1m Flexible Cable
HDV-4CAM-5FM .....4mm VideoScope Camera Head with Macro lens and 5m Flexible Cable
HDV-5CAM-1FM .....5.5mm VideoScope Camera Head with Macro lens and 1m Flexible Cable
HDV-5CAM-3F ........5.5mm VideoScope Camera Head with long depth of field and 3m Flexible Cable
HDV-5CAM-3FM .....5.5mm VideoScope Camera Head with Macro lens and 3m Flexible Cable
HDV-5CAM-30FM ...5.5mm VideoScope Camera Head with Macro lens and 30m Flexible Cable
HDV-5CAM-10F ......5.5mm VideoScope Camera Head with long depth of field and 10m Flexible Cable
HDV-5CAM-1R........5.8mm VideoScope Camera Head with long depth of field and 1m Semi-Rigid Cable
HDV-5CAM-1RM.....5.8mm VideoScope Camera Head with Macro lens and 1m Semi-Rigid Cable
HDV-5CAM-3R........5.8mm VideoScope Camera Head with long depth of field & 3m Semi-Rigid Cable
HDV-5CAM-3RM.....5.8mm VideoScope Camera Head with Macro lens and 3m Semi-Rigid Cable
HDV-25CAM-10G ...25mm VideoScope Camera Head with long depth of field and 10m Fiberglass Cable
HDV-25CAM-30G ...25mm VideoScope Camera Head with long depth of field and 30m Fiberglass Cable
HDV-WTX................Wireless Transmitter
HDV-PC ..................Spare Patch Cable for HDV Series
ADPTR-HDV............Replacement AC Adaptor
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 3/22/13
HDV-WTX
Additional
Accessories
HDV-PC


Similar Part No. - HDV-PC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HDV-25CAM-10G EXTECH-HDV-25CAM-10G Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-4CAM-1FM EXTECH-HDV-4CAM-1FM Datasheet
697Kb / 1P
VideoScope Camera probes & accessories
HDV-4CAM-5FM EXTECH-HDV-4CAM-5FM Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
More results

Similar Description - HDV-PC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HDV-4CAM-5FM EXTECH-HDV-4CAM-5FM Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-3FM EXTECH-HDV-5CAM-3FM Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-3R EXTECH-HDV-5CAM-3R Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-TX1 EXTECH-HDV-TX1 Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-TX1L EXTECH-HDV-TX1L Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-WTX EXTECH-HDV-WTX Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-WTX1 EXTECH-HDV-WTX1 Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-WTX2L EXTECH-HDV-WTX2L Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com