Electronic Components Datasheet Search
  English  ▼

X  

ICS9169CM-271 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9169CM-271
Description  Frequency Generator for Pentium??Based Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CM-271 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9169CM-271 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 7Page - Integrated Circuit Systems ICS9169CM-271 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9169C-271
Block Diagram
Frequency Generator for Pentium™ Based Systems
9169C-271RevC060297P
Pin Configuration
The ICS9169C-271 is a low-cost frequency generator
designed specifically for Pentium based chip set systems.
The integrated buffer minimizes skew and provides all the
clocks required. A 14.318 MHz XTAL oscillator provides
the reference clock to generate standard Pentium frequencies.
The CPU clock makes gradual frequency transitions without
violating the PLL timing of internal microprocessor clock
multipliers. A raised frequency setting of 68.5MHz is available
for Turbo-mode of the 66.8MHz CPU. The ICS9169C-271
contains 12 CPU clocks, 4 PCI clocks, 1 REF at 48MHz and 1 at
24MHz.
The twelve CPU clock outputs provide sufficient clocks for
the CPU, chip set, memory and up to two DIMM connectors
(with four clocks to each DIMM). Either synchronous(CPU/
2) or asynchronous (32 MHz) PCI busoperation can be selected
by latching data on the BSEL input.
32-Pin SOIC/SOJ
Functionality
3.3V±10%, 0-70°C
Crystal (X1, X2) = 14.31818 MHz
Pentium is a trademark of Intel Corporation.
•
Twelve selectable CPU clocks operate up to 83.3MHz
•
Maximum CPU jitter of ± 200ps
•
Six BUS clocks support sync or async bus operation
•
±250ps skew for all synchronous clock edges
•
CPU clocks BUS clocks skew 1-4ns (CPU early)
•
Integrated buffer outputs drive up to 30pF loads
•
3.0V - 3.7V supply range, CPU(1:12) outputs
2.5V(2.375-2.62V) VDD option
•
32-pin SOIC/SOJ package
•
Logic inputs latched at Power-On for frequency
selection saving pins as Input/Output
•
48 MHz clock for USB support and 24 MHz clock
for FD.
ADDRES S
S ELECT
C P U (1:12)
(M H z)
B U S (1:6)M H z
48M H z
24M H z
R E F
FS2 FS1
FS0
BSEL=1
BSEL=0
00
0
50
25
32
48
24
REF
00
1
60
30
32
48
24
REF
0
1
0
66.8
33.4
32
48
24
REF
0
1
1
75.9
32
32
48
24
REF
1
0
0
55
27.5
32
48
24
REF
1
0
1
75.9
37.5
32
48
24
REF
1
1
0
83.3
41.7
32
48
24
REF
1
1
1
68.5
34.25
32
48
24
REF
VDD Groups:
VDD = X1, X2, REF/BSEL
VDDC1 = CPU1-6
VDDC2 = CPU7-12 & PLL Core
VDDB = BUS1-6
VDDF = 48/24 MHz
Latched Inputs:
L1 = BSEL
L2 = FS0
L3 = FS1
L4 = FS2
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9169CM-271

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CM-27 ICST-ICS9169CM-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169CM-272 ICST-ICS9169CM-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169CM-273 ICST-ICS9169CM-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
More results

Similar Description - ICS9169CM-271

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com