Electronic Components Datasheet Search
  English  ▼

X  

EX210 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX210
Description  Mini Digital MultiMeter IR Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX210 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX210 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
Built-in non-contact IR Thermometer
quickly identifies hot spots on electrical
panels
AC/DC Voltage measurements
7/12/11- R1
8 Function, rugged designed multimeter with built-in IR Thermometer
Quickly identify overheating motors or locate hot spots on electrical panels and HVAC vents without contact
Mini Digital MultiMeter + IR Thermometer
Ordering Information
EX210 ..................Autoranging MultiMeter + IR Thermometer
EX210-NIST ..........EX210 with Calibration Traceable to NIST.
Specifications
AC Voltage
0.1mV to 600V
DC Voltage
0.1mV to 600V
Basic Accuracy (VDC)
±0.5%
AC Current
0.1µA to 10A
DC Current
0.1µA to 10A
Resistance
0.1Ω to 20MΩ
Temperature (IR)
-5 to 446°F (-20 to 230°C)
Continuity / Diode
Yes
Dimensions
5.8x2.9x1.6" (147x76x42mm)
Weight
9.17oz (260g)
Patented
Features:
• Built-in IR Thermometer with laser pointer
for locating hot spots
• 4:1 Distance to Target Ratio
• 2000 count large backlit dual LCD with easy-to
read digits
• Low current capability measure down to 0.1µA
• Max Hold
• Input fuse protection
• Auto power off and Data Hold
• Complete with test leads and 9V battery


Similar Part No. - EX210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX2100-G ETC-EX2100-G Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
logo
Extech Instruments Corp...
EX210T EXTECH-EX210T Datasheet
215Kb / 1P
True RMS MultiMeters
More results

Similar Description - EX210

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42535 EXTECH-42535 Datasheet
92Kb / 4P
Mini IR Thermometer with Type K Input
42542 EXTECH-42542 Datasheet
821Kb / 1P
High Temperature IR Thermometer
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
True RMS Multimeter with IR Thermometer
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
RH401 EXTECH-RH401 Datasheet
153Kb / 8P
Digital Psychrometer IR Thermometer
EX230 EXTECH-EX230 Datasheet
351Kb / 1P
Mini Digital MultiMeters IR
EX570 EXTECH-EX570_15 Datasheet
494Kb / 1P
CAT IV Industrial MultiMeter IR Thermometer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
IR Thermometer
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com