Electronic Components Datasheet Search
  English  ▼

X  

ICS9179-06 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9179-06
Description  Zero Delay Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9179-06 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9179-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS9179-06 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9179-06
Pin Descriptions
Power Groups
VDD = Power supply for OUTPUT buffers
VDDS = Power supply for I2C circuitry
VDDA= Power supply forAnalog PLL circuitry
Notes:
1.
At power up all sixteen outputs are enabled and active.
2.
OE has a 100K Ohm internal pull-up resistor to keep all outputs active.
3.
The SDATA and SCLK inputs both also have internal pull-up resistors with values above 100K Ohms as well for
complete platform flexibility.
4.
I2C Byte0, bits 0 & 1 used to select delay. Default* values at power up is 0
5.
Subject to design engineering verification of target value.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
2E
ON
I
l
a
n
r
e
t
n
i
s
a
H
.
W
O
L
d
l
e
h
n
e
h
w
T
U
O
_
B
F
t
p
e
c
x
e
s
t
u
p
t
u
o
l
l
a
s
e
t
a
t
s
-
i
r
T
.
p
u
-
l
l
u
p
2
0
1
,
9
,
6
,
5)
3
:
0
(
T
U
P
T
U
OT
U
Os
t
u
p
t
u
o
k
c
o
l
c
0
e
t
y
B
M
A
R
D
S
1
0
2
,
9
1
,
6
1
,
5
1)
7
:
4
(
T
U
P
T
U
OT
U
Os
t
u
p
t
u
o
k
c
o
l
c
1
e
t
y
B
M
A
R
D
S
1
4
3
,
3
3
,
0
3
,
9
2)
1
1
:
8
(
T
U
P
T
U
OT
U
Os
t
u
p
t
u
o
k
c
o
l
c
2
e
t
y
B
M
A
R
D
S
1
5
4
,
4
4
,
1
4
,
0
4)
5
1
:
2
1
(
T
U
P
T
U
OT
U
Os
t
u
p
t
u
o
k
c
o
l
c
3
e
t
y
B
M
A
R
D
S
1
2
1T
U
P
N
IN
I.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
r
o
f
t
u
p
n
I
3
1N
I
_
B
FN
I.
t
u
p
n
i
k
c
a
b
d
e
e
F
4
2A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
y
r
t
i
u
c
r
i
c
C
3
5
2K
L
C
SO
/
II
r
o
f
n
i
p
k
c
o
l
C
2
y
r
t
i
u
c
r
i
c
C
3
7
3T
U
O
_
B
FT
U
O.
N
I
_
B
F
t
u
p
n
i
o
t
t
u
p
t
u
o
k
c
a
b
d
e
e
F
,
1
3
,
1
2
,
7
1
,
1
1
,
7
,
3
6
4
,
2
4
,
8
3
,
5
3
D
D
VR
W
Ps
r
e
f
f
u
b
t
u
p
t
u
o
r
o
f
y
l
p
p
u
s
r
e
w
o
P
V
3
.
3
,
2
3
,
8
2
,
8
1
,
4
1
,
8
,
4
7
4
,
3
4
,
9
3
,
6
3
D
N
GR
W
Ps
r
e
f
f
u
b
t
u
p
t
u
o
r
o
f
d
n
u
o
r
G
2
2A
D
D
VR
W
Ps
e
g
a
t
s
L
L
P
g
o
l
a
n
A
r
o
f
y
l
p
p
u
s
r
e
w
o
P
V
3
.
3
3
2S
D
D
VR
W
PI
r
o
f
y
l
p
p
u
s
r
e
w
o
P
V
3
.
3
2
y
r
t
i
u
c
r
i
c
C
6
2S
D
N
GR
W
PI
r
o
f
d
n
u
o
r
G
2
y
r
t
i
u
c
r
i
c
C
7
2A
D
N
GR
W
Ps
e
g
a
t
s
L
L
P
g
o
l
a
n
A
r
o
f
d
n
u
o
r
G
8
4
,
1C
/
N-
d
e
t
c
e
n
n
o
c
y
l
l
a
n
r
e
t
n
i
t
o
n
e
r
a
s
n
i
P
Ground Groups
GND = Ground supply for OUTPUT buffer
GNDS = Ground supply for I2C circuitry
GNDA= Ground supply forAnalog PLL circuitry
Delay Selection Table
4
T
U
P
N
I
l
o
r
t
n
o
C
1
t
i
b
0
e
t
y
B
N
I
_
B
F
l
o
r
t
n
o
C
0
t
i
b
0
e
t
y
B
t
e
g
r
a
T
l
a
n
i
m
o
N
5
o
t
T
U
P
N
I
,
y
a
l
e
D
.
s
n
i
p
N
I
_
B
F
*
0*
0s
n
0
01
s
n
7
.
2
-
10
s
n
0
.
2
+
11
s
n
7
.
0
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com