Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-101 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-101
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-101 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-101 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ICS9248-101
Shared Pin Operation -
Input/Output Pins
Fig. 1
The I/O pins designated by (input/output) on the ICS9248-
101 serve as dual signal functions to the device. During
initial power-up, they act as input pins. The logic level
(voltage) that is present on these pins at this time is read and
stored into a 4-bit internal data latch. At the end of Power-On
reset, (see AC characteristics for timing values), the device
changes the mode of operations for these pins to an output
function. In this mode the pins produce the specified buffered
clocks to external loads.
To program (load) the internal configuration register for these
pins, a resistor is connected to either the VDD (logic 1)
power supply or the GND (logic 0) voltage potential. A 10
Kilohm(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Figs. 1 and 2 show the recommended means of implementing
this function. In Fig. 1 either one of the resistors is loaded
onto the board (selective stuffing) to configure the device’s
internal logic. Figs. 2a and b provide a single resistor loading
option where either solder spot tabs or a physical jumper
header may be used.
These figures illustrate the optimal PCB physical layout
options. These configuration resistors are of such a large
ohmic value that they do not effect the low impedance clock
signals. The layouts have been optimized to provide as little
impedance transition to the clock signal as possible, as it
passes through the programming resistor pad(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com