Electronic Components Datasheet Search
  English  ▼

X  

RS101 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # RS101
Description  SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

RS101 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  RS101 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . RS101 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (RS101 THRU RS107)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
0
20
10
30
50
40
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
243



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com