Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-103 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248-103
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-103 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248-103 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-103 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ICS9248-103
Functionality
VDD =3.3V±5%,VDDL=2.5V±5%or3.3±5%,TA=0to70°C
Crystal (X1, X2) = 14.31818MHz
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
I
C
P
)
z
H
M
(
0000
0
0
.
4
2
13
3
.
1
4
000
1
0
0
.
0
2
10
0
.
0
4
00
1
0
9
9
.
4
1
13
3
.
8
3
00
11
9
9
.
9
0
16
6
.
6
3
01
0
0
0
0
.
5
0
10
0
.
5
3
01
01
1
3
.
3
85
6
.
1
4
01
1
0
0
0
.
7
3
15
2
.
4
3
0
111
0
0
.
5
70
5
.
7
3
1
000
0
0
.
0
0
13
3
.
3
3
10
0
1
0
0
.
5
97
6
.
1
3
10
10
1
3
.
3
87
7
.
7
2
10
1
1
3
3
.
3
3
13
3
.
3
3
11
00
0
0
.
0
90
0
.
0
3
11
0
1
2
2
.
6
97
0
.
2
3
111
0
2
8
.
6
61
4
.
3
3
1111
5
.
1
95
.
0
3
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B
d
a
e
r
p
S
r
e
t
n
e
C
,
n
o
i
t
a
l
u
d
o
M
m
u
r
t
c
e
p
S
d
a
e
r
p
S
%
5
2
.
0
±
-
0
d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
-
1
1
t
i
B
]
4
:
6
,
2
[
]
4
:
6
,
2
[
t
i
B
K
L
C
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
1
e
t
o
N
0
0
0
00
0
.
4
2
13
3
.
1
4
1
0
0
00
0
.
0
2
10
0
.
0
4
0
1
0
09
9
.
4
1
13
3
.
8
3
1
1
0
09
9
.
9
0
16
6
.
6
3
0
0
1
00
0
.
5
0
10
0
.
5
3
1
0
1
01
3
.
3
85
6
.
1
4
0
1
1
00
0
.
7
3
15
2
.
4
3
1
1
1
00
0
.
5
70
5
.
7
3
0
0
0
10
0
.
0
0
13
3
.
3
3
1
0
0
10
0
.
5
97
6
.
1
3
0
1
0
11
3
.
3
87
7
.
7
2
1
1
0
13
3
.
3
3
13
3
.
3
3
0
0
1
10
0
.
0
90
0
.
0
3
1
0
1
12
2
.
6
97
0
.
2
3
0
1
1
12
8
.
6
61
4
.
3
3
1
1
1
15
.
1
95
.
0
3
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
]
4
:
6
,
2
[
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
d
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0
Note 1, Default at Power-up will be for
latched logic inputs to define
frequency. Bit [2, 6:4] are default
to 0010.
Note 2, PWD = Power-Up Default
Note 3, When disabling spread spectrum
bit7 needs to be set to 0 to maintain
nominal frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com