Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-107 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-107
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-107 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-107 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-107 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9248-107
Pin Descriptions
The ICS9248-107 is a main clock synthesizer chip for Pentium II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used with a zero delay buffer such as the ICS9179-06.
Spread Spectrum may be enabled through I
2C. Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies
EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-107 employs a proprietary
closed loop design, which tightly controls the percentage of spreading over process and temperature variations.
General Description
Pin number
Pin name
Type
Description
1, 7, 13, 19, 25, 31 GND
PWR
Ground pins
2
REF0
OUT
14.318MHz reference clock outputs at 3.3V
REF1
OUT
14.318MHz reference clock outputs at 3.3V
SEL24_48#
IN
Logic input to select 24 or 48MHz for pin 26 output
4, 10, 16, 23,
28, 35
VDD
PWR
Power pins 3.3V
5
X1
IN
XTAL_IN 14.318MHz crystal input
6
X2
OUT
XTAL_OUT Crystal output
PCICLK_F
OUT
Free running PCI clock at 3.3V. Synchronous to CPU clocks.
FS0
IN
Logic - input for frequency selection
PCICLK1
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS1
IN
Logic - input for frequency selection
PCICLK2
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS2
IN
Logic - input for frequency selection
PCICLK3
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS3
IN
Logic - input for frequency selection
14, 15, 17, 18, 20,
21, 22
PCICLK (4:10)
OUT
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
24
PD#
IN
This asynchronous input powers down the chip when drive
active(Low). The internal PLLs are disabled and all the output clocks
are held at a Low state.
26
24_48MHz
OUT
24 or 48MHz output selectable by
SEL24_48# (0=48MHz 1=24MHz)
48MHz
OUT
Fixed 48MHz clock output at 3.3V
FS4
IN
Logic - input for frequency selection
29
SCLK
IN
Clock input of I
2
C input
30
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
32, 33, 34
3V66(2:0)
OUT
3.3V clock outputs.
36, 41
GNDLCPU
PWR
Ground pins for CPUCLKs
37, 38, 40, 42
CPUCLK(3:0)
OUT
Host bus clock output at 2.5V.
39, 43
VDDLCPU
PWR
Power pins for CPUCLKs. 2.5V
45
GNDLAPIC
PWR
Ground pin for the IOAPIC outputs.
44, 46, 47
IOAPIC(2:0)
OUT
IOAPIC clocks at 2.5V. Synchronous with CPUCLKs.
48
VDDLAPIC
PWR
Power pin for the IOAPIC outputs. 2.5V.
27
12
3
8
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com