Electronic Components Datasheet Search
  English  ▼

X  

EX540 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX540
Description  MultiMeter/Datalogger with Wireless PC Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX540 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX540 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2008-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/14/11 - R1
CAT IV, Datalogging, and Wireless features
CAT IV True RMS MultiMeter datalogs up to 9,999 readings with wireless USB interface
capability to transmit readings to your PC in real time
Specifications
Functions
Display Counts
40,000 count
Basic Accuracy
0.06%
DC/AC Voltage
0.01mV to 1000VDC; 0.01mV to 1000VAC
DC/AC Current
0.01µA to 20A
Resistance
0.01Ω to 40MΩ
Capacitance
0.001nF to 40mF
Frequency (electrical)
40Hz to 4kHz
Frequency (electronic)
0.001Hz to 100MHz
Temperature
-50 to 1382°F (-45 to 750°C)
Duty Cycle
0.1 to 99.90%
Diode (2.8V)/Continuity
Yes
CE approved
Yes
Dimensions
7.25x3.25x2.25"(184x83x57mm)
Weight
12.3oz (349g)
Features:
• Real time datalogging or wireless data transmission
directly to your PC (30ft/10m)
• True RMS measurements for accurate AC Voltage and
Current measurements
• Diode open circuit voltage of 2.8V DC
• Double molded construction for waterproof (IP67) protection
• CAT IV-600V safety rating for industrial applications
• 1000V input protection on all functions
• Dual sensitivity frequency functions
• Backlit triple LCD display includes two sub-displays for
simultaneous indication of frequency with voltage and
memory data/location information
• Auto power off with disable feature
• Complete with double molded test leads, magnetic hanging strap,
Type K bead wire temperature probe, remote receiver with USB
cable, Windows
® compatible software, 9V battery and hard
carrying case
Ordering Information
EX540 ..............MultiMeter/Datalogger with Wireless PC Interface (915MHz)
EX540-NIST ....EX540 with Calibration Traceable to NIST.
EX542 ..............MultiMeter/Datalogger with Wireless PC Interface (433MHz)
EX542-NIST ....EX542 with Calibration Traceable to NIST.
(NOTE: USA, Mexico, and Canada use 915MHz model and majority of other countries use 433MHz model)
A. Continuous wireless data transmission from meter to
your PC in real time.
B. Drop-proof to 6 feet (1.8m). Meter is built tough with
double molded housing.
C. Waterproof IP67 for the most extreme operating
conditions.
A
B
C
MultiMeter/Datalogger with Wireless PC Interface


Similar Part No. - EX540

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
MultiMeter/Datalogger with Wireless PC Interface
More results

Similar Description - EX540

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
407355 EXTECH-407355 Datasheet
565Kb / 17P
Noise Dosimeter with PC Interface
ML720 EXTECH-ML720 Datasheet
497Kb / 19P
MultiLog Digital MultiMeter With built-in Datalogger
MM560 EXTECH-MM560 Datasheet
618Kb / 21P
MultiMaster Digital MultiMeter Series With PC Interface
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
MultiMeter
MP510 EXTECH-MP510 Datasheet
628Kb / 16P
MultiPro Digital MultiMeter Series With PC Interface
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
MG300 EXTECH-MG300 Datasheet
424Kb / 1P
CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
MG302 EXTECH-MG302 Datasheet
424Kb / 1P
CAT IV Insulation Tester/MultiMeter with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
MultiMeter/Datalogger with Wireless PC Interface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com