Electronic Components Datasheet Search
  English  ▼

X  

MN42 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MN42
Description  Compact Digital Multimeters NCV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN42 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MN42 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MN42 ............Manual Ranging MultiMeter + Voltage Detector
MN47 ............Autoranging MultiMeter with Temp + Voltage Detector
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
4/1/11 - R1
Features:
• 0.5% basic accuracy
• Over-sized high contrast LCD display
• Double molded housing
• CAT III-600V
• Complete with test leads, general purpose Type K bead
wire probe (MN47), 9V battery, and carrying case
MN42:
• Manual ranging
• 2000 count display
• 1.5V and 9V Battery tests
MN47:
• Autoranging with manual override
• 4000 count display
• AC Current, Capacitance, Frequency,
Temperature, and Duty Cycle
• Relative and Data Hold functions
Built-in Non-contact Voltage Detector
Non-contact Voltage Detector quickly checks for the presence
of voltage from 100 to 600VAC
Compact Digital Multimeters + NCV
Specifications
MN42
MN47
Ranging
Manual
Autoranging
Display counts
2000
4000
Basic Accuracy
0.5%
0.5%
NC Voltage Detector
100 to 600VAC
100 to 600VAC
DC Voltage
600V (0.1mV)
600V (0.1mV)
AC Voltage
600V (0.1V)
600V (0.1mV)
DC Current
10A (1μA)
10A (0.1μA)
AC Current
—
10A (0.1μA)
Resistance
2MΩ (0.1Ω)
40MΩ (0.1Ω)
Capacitance
—
100μF (1pF)
Frequency
—
10MHz (0.001Hz)
Temperature
—
1400°F (760°C)
Duty Cycle
—
0.1 to 99.9%
Diode/Continuity
Yes
Yes
Battery Test
1.5V / 9V
—
Dimensions
5.9 x 2.75 x 1.8” (150 x 70 x 48mm)
Weight
9oz (255g)
Measure Capacitance
Non-contact Voltage Detection
CAT III rated MultiMeter
functions


Similar Part No. - MN42

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4030B PANASONIC-MN4030B Datasheet
122Kb / 2P
CMOS LOGIC MN4030B SERIES, QUAD EXCLUSIVE-OR GATES
MN4030S PANASONIC-MN4030S Datasheet
122Kb / 2P
CMOS LOGIC MN4030B SERIES, QUAD EXCLUSIVE-OR GATES
MN4040B PANASONIC-MN4040B Datasheet
82Kb / 3P
12 STAGE BINARY COUNTERS
MN4040BS PANASONIC-MN4040BS Datasheet
82Kb / 3P
12 STAGE BINARY COUNTERS
MN4066 PANASONIC-MN4066 Datasheet
88Kb / 3P
Quad Analog Switches
More results

Similar Description - MN42

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN47 EXTECH-MN47 Datasheet
344Kb / 1P
Compact Digital Multimeters NCV
MN15A EXTECH-MN15A_15 Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
MN16A EXTECH-MN16A Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com