Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-150 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-150
Description  Frequency Generator for Multi - Processor Servers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-150 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-150 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-150
Third party brands and names are the property of their respective owners.
9248-150 Rev B 06/12/01
Pin Configuration
48-Pin SSOP and TSSOP
Recommended Application:
ServerWorks Grand Champion Systems.
Output Features:
•
8 - Differential CPU Clock Pairs @ 3.3V
•
1 - 3V 33MHz PCI clocks
•
1 - 48MHz clock
•
1 - Inverted 48MHz clock
•
1 - 14.318 reference output
Features:
•
Up to 200MHz frequency support
•
Support power management: Power Down Mode
•
Supports Spread Spectrum modulation: 0 to -0.5% down
spread.
•
Uses external 14.318MHz crystal
•
Select logic for Differential Swing Control, Test mode,
Tristate, Power down, Spread Spectrum.
•
External resistor for current reference
•
FS pins for frequency select
Key Specifications:
•
PCI Output jitter <500ps
•
CPU Output jitter <200ps
•
48MHz Output jitter <350ps
•
REF Output jitter < 1000ps
Frequency Generator for Multi - Processor Servers
Functionality
/
3
3
1
L
E
S
0
0
1
0
S
F1
S
Fn
o
i
t
c
n
u
F
00
0
z
H
M
0
0
1
e
v
i
t
c
A
00
1
e
d
o
M
t
s
e
T
z
H
M
0
0
1
01
0
e
d
o
M
t
s
e
T
z
H
M
0
0
1
01
1
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
10
0
z
H
M
3
3
1
e
v
i
t
c
A
10
1
e
d
o
M
t
s
e
T
z
H
M
3
3
1
11
0
z
H
M
0
0
2
e
v
i
t
c
A
11
1
d
e
v
r
e
s
e
R
Block Diagram
PCICLK
VDD48
FS0/48MHz
FS1/48MHz#
GND48
VDDCPU
CPUCLKT0
CPUCLKC0
GNDCPU
CPUCLKT1
CPUCLKC1
VDDCPU
CPUCLKT2
CPUCLKC2
GNDCPU
CPUCLKT3
CPUCLKC3
VDDCPU
REF
SPREAD#
GNDREF
X1
X2
VDDREF
SEL100/133
GNDPCI
VDDA
GNDA
PD#
VDDCPU
CPUCLKT4
CPUCLKC4
GNDCPU
CPUCLKT5
CPUCLKC5
VDDCPU
CPUCLKT6
CPUCLKC6
GNDCPU
CPUCLKT7
CPUCLKC7
VDDCPU
MULTSEL0
MULTSEL1
GND
GNDI REF
I REF
VDDI REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
I REF
PLL2
PLL1
Spread
Spectrum
48MHz
PCICLK
48MHz#
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
PD#
SPREAD#
MULTSEL(1:0)
SEL100/133
FS(1:0)
Control
Logic
Config.
Reg.
REF
8
8
CPUCLKT (7:0)
CPUCLKC (7:0)
ICS reserves the right to make changes in the device data
identified in this publication without further notice. ICS advises
its customers to obtain the latest version of all device data to
verify that any information being relied upon by the customer is
Analog Power Groups
VDD48, GND48 = 48MHz, PLL2
VDDA=VDD (core supply voltage 3.3V)
GNDA=Ground for core supply
Digital Power Group
VDDREF, GNDREF = REF, Xtal


Similar Part No. - ICS9248-150

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
More results

Similar Description - ICS9248-150

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
Frequency Generator & Integrated Buffers for K7 Processor
logo
Balluff Korea Ltd.
BIS01F2 BALLUFF-BIS01F2 Datasheet
153Kb / 2P
Multi-Frequency Processor
BIS01F4 BALLUFF-BIS01F4 Datasheet
152Kb / 3P
Multi-Frequency Processor
BIS012E BALLUFF-BIS012E Datasheet
148Kb / 3P
Multi-Frequency Processor
BIS014C BALLUFF-BIS014C Datasheet
145Kb / 3P
Multi-Frequency Processor
BIS0146 BALLUFF-BIS0146 Datasheet
144Kb / 3P
Multi-Frequency Processor
BIS0147 BALLUFF-BIS0147 Datasheet
145Kb / 3P
Multi-Frequency Processor
BIS00U9 BALLUFF-BIS00U9 Datasheet
144Kb / 3P
Multi-Frequency Processor
BIS0122 BALLUFF-BIS0122 Datasheet
143Kb / 3P
Multi-Frequency Processor
BIS018K BALLUFF-BIS018K Datasheet
270Kb / 3P
Multi-Frequency Processor
1.36_2021-09-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com