Electronic Components Datasheet Search
  English  ▼

X  

S3AB Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # S3AB
Description  3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

S3AB Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  S3AB Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . S3AB Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL=75 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
Typical Thermal Resistance R JL (Note 2)
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Lead.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
VOLTAGE RANGE
CURRENT
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
S3AB THRU S3MB
50 to 1000 Volts
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3.0
100
5.0
250
60
-65
+150
V
A
V
pF
1.1
10
A
C
C/W
Operating and Storage Temperature Range TJ, TSTG
Dimensions in inches and (millimeters)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
A
A
496
3.0 Amperes


Similar Part No. - S3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3AB ETC1-S3AB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
82Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 12 - 2
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3AB

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
S3A UNIOHM-S3A Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3AB UNIOHM-S3AB Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
S3A GWSEMI-S3A Datasheet
64Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S3ASMA DGNJDZ-S3ASMA Datasheet
126Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3ASMB DGNJDZ-S3ASMB Datasheet
126Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S3ASMC DGNJDZ-S3ASMC Datasheet
118Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
DIYI Electronic Technol...
S3A DYELEC-S3A Datasheet
1Mb / 2P
3.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
MSB301S-C SECOS-MSB301S-C Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com