Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-162 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248-162
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-162 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248-162 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-162 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ICS9248-162
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-62
-33
mA
Output Low Current
IOL1
VOL = 0.8 V
38
43
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.5
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew window
1
tsk1
VT = 1.5 V
180
500
ps
Jitter, One Sigma
1
tj1s1
VT = 1.5 V
15
150
ps
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-250
75
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL3
IOL = 19 mA
0.3
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-69
-46
mA
Output Low Current
IOL3
VOL = 0.8 V
32
42
mA
Rise Time
1
Tr3
VOL = 0.4 V, VOH = 2.4 V
11.3
ns
Fall Time
1
Tf3
VOH = 2.4 V, VOL = 0.4 V
1.3
2
ns
Duty Cycle
1
Dt3
VT = 1.5 V
45
50
55
%
Skew window
1
Tsk3
VT = 1.5 V
185
250
ps
Propagation Time
1
(Buffer In to output)
Tsk3
VT = 1.5 V
45
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com