Electronic Components Datasheet Search
  English  ▼

X  

SF101 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SF101
Description  10.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SF101 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SF101 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SF101 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.0 AMP SUPER FAST RECTIFIERS
SF101 THRU SF107
10.0 Amperes
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Good for switching mode application
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
VOLTAGE RANGE
50 to 600 Volts
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
SF101 SF102 SF103
SF104 SF105
SF106 SF107 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
at Tc=100 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 10.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
10.0
125
10
500
60
-65
+150
A
A
nS
PF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
35
50
Operating and Storage Temperature Range TJ, TSTG
C
3.0
Typical Thermal Resistance R JC
C/W
V
1.0
1.3
1.7
A
A
114
TO-220A
Dimensions in inches and (millimeters)
.412
.248
.040
.180
.050
.120
.158
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
.603(15.3)
.578(14.7)
.576(14.6)
.514(13.0)
+
+
PIN 1
PIN 2
CASE


Similar Part No. - SF101

ManufacturerPart #DatasheetDescription
logo
Surge Components
SF101 SURGE-SF101 Datasheet
81Kb / 2P
SUPERFAST RECOVERY RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes???
logo
Won-Top Electronics
SF101 WTE-SF101 Datasheet
47Kb / 3P
1.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF101 SEMTECH_ELEC-SF101 Datasheet
98Kb / 1P
SUPER FAST RECOVERY SILICON DIODES
More results

Similar Description - SF101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG10ED200D SECOS-SFG10ED200D Datasheet
804Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SFG10S200 SECOS-SFG10S200 Datasheet
639Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
logo
Goodwork Semiconductor ...
SF101CT GWSEMI-SF101CT Datasheet
76Kb / 2P
10.0 AMP SUPER FAST RECTIFIERS
SFF101 GWSEMI-SFF101 Datasheet
75Kb / 2P
10.0 AMP SUPER FAST RECTIFIERS
SFF101CT GWSEMI-SFF101CT Datasheet
76Kb / 2P
10.0 AMP SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SFG10ED200D SECOS-SFG10ED200D_15 Datasheet
804Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10TD40 SECOS-SF10TD40 Datasheet
217Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10ED20F SECOS-SF10ED20F Datasheet
205Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10TD40F SECOS-SF10TD40F Datasheet
209Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10TD60 SECOS-SF10TD60 Datasheet
210Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com