Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-168 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-168
Description  AMD - K7??Clock Generator for Mobile System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-168 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-168 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9248-168
Third party brands and names are the property of their respective owners.
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
P
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
4
2
,
4
1
,
6
,
1
3
4
,
5
3
,
0
3
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
P
2
1
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
3
2
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
6
3
(
p
a
c
4
2
S
F
2
,
1
N
ID
D
V
o
t
p
u
-
l
l
u
P
l
a
n
r
e
t
n
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
F
_
K
L
C
I
C
PT
U
O
r
e
w
o
p
r
o
f
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
.
t
n
e
m
e
g
a
n
a
m
5
1
S
F
2
,
1
N
ID
D
V
o
t
p
u
-
l
l
u
P
l
a
n
r
e
t
n
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
k
c
o
l
c
I
C
P
,
4
3
,
1
3
,
1
2
,
0
2
,
3
1
,
7
5
4
,
4
4
D
N
GR
W
Pd
n
u
o
r
G
8
,
9
,
0
1
,
1
1
,
2
1
,
5
1
)
1
:
6
(
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
6
1
#
P
O
T
S
_
M
A
R
D
SN
I
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
F
_
M
A
R
D
S
e
h
t
s
e
d
i
s
e
b
s
M
A
R
D
S
l
l
a
s
p
o
t
S
w
o
l
t
u
p
n
i
n
e
h
w
7
1#
P
O
T
S
_
K
L
C
I
C
PN
I
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
F
_
K
L
C
I
C
P
e
h
t
s
e
d
i
s
e
b
s
K
L
C
I
C
P
l
l
a
s
p
o
t
S
w
o
l
t
u
p
n
i
n
e
h
w
8
1
N
I
R
E
F
F
U
BN
I.
s
t
u
p
t
u
o
M
A
R
D
S
r
o
f
s
r
e
f
f
u
B
t
u
o
n
a
F
o
t
t
u
p
n
I
9
1
D
D
V
AR
W
PV
3
.
3
U
P
C
&
,
e
r
o
c
r
o
f
y
l
p
p
u
S
2
2
0
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
3
2
#
8
4
_
4
2
L
E
S
2
,
1
N
It
u
p
t
u
o
5
2
n
i
p
r
o
f
z
H
M
8
4
r
o
4
2
t
c
e
l
e
s
o
t
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4
_
4
2T
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
/
z
H
M
4
2
5
2
A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
6
2K
L
C
SN
II
f
o
n
i
p
k
c
o
l
C
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
7
2
F
_
M
A
R
D
ST
U
O
r
o
f
#
P
O
T
S
_
M
A
R
D
S
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
M
A
R
D
S
g
n
i
n
n
u
r
e
e
r
F
.
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
7
3
,
6
3
,
3
3
,
2
3
,
9
2
,
8
2
)
0
:
5
(
M
A
R
D
ST
U
O
n
i
p
N
I
R
E
F
F
U
B
m
o
r
f
s
t
u
p
t
u
o
r
e
f
f
u
B
t
u
o
n
a
F
,
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
.
)
t
e
s
p
i
h
c
y
b
d
e
l
l
o
r
t
n
o
c
(
8
3
#
D
PN
Iw
o
l
e
v
i
t
c
a
,
p
i
h
c
n
w
o
d
s
r
e
w
o
P
9
3
#
P
O
T
S
_
U
P
C
,
1
N
I
t
a
M
A
R
D
S
&
C
K
L
C
U
P
C
,
T
K
L
C
U
P
C
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
0
4
0
C
K
L
C
U
P
CT
U
O
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"
.
p
u
-
l
l
u
p
V
5
.
1
l
a
n
r
e
t
x
e
n
a
s
d
e
e
n
s
t
u
p
t
u
o
n
i
a
r
d
1
4
0
T
K
L
C
U
P
CT
U
O
n
i
a
r
d
n
e
p
o
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
p
u
-
l
l
u
p
V
5
.
1
l
a
n
r
e
t
x
e
n
a
d
e
e
n
s
t
u
p
t
u
o
2
4
K
L
C
U
P
CT
U
OA
D
D
V
y
b
d
e
r
e
w
o
p
t
u
p
t
u
o
k
c
o
l
c
U
P
C
V
3
.
3
8
4
,
7
4
,
6
4
)
0
:
2
(
0
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
h
M
8
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com