Electronic Components Datasheet Search
  English  ▼

X  

SF161CT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SF161CT
Description  16.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SF161CT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SF161CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SF161CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
16.0 Amperes
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Good for switching mode application
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
Dimensions in inches and (millimeters)
VOLTAGE RANGE
50 to 600 Volts
CURRENT
+
PIN 1
PIN 3
PIN 2
CASE
TO-220
.412
.248
.180
.050
.120
.158
.603(15.3)
.578(14.7)
.576(14.6)
.514(13.0)
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
SF161CT THRU SF167CT
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
at Tc=100 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
125
10
500
60
-65
+150
A
A
nS
PF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
35
50
Operating and Storage Temperature Range TJ, TSTG
C
2.5
Typical Thermal Resistance R JC
C/W
V
1.0
1.3
1.7
SF
SF
SF
SF
SF
SF
SF
161CT
162CT
163CT
164CT
165CT
166CT
167CT
A
A
122


Similar Part No. - SF161CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SF161CT SEMTECH_ELEC-SF161CT Datasheet
397Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF161CT HORNBY-SF161CT Datasheet
302Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
SF161CT THINKISEMI-SF161CT Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
logo
SEMTECH ELECTRONICS LTD...
SF161CTA SEMTECH_ELEC-SF161CTA Datasheet
397Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
SF161CTA THINKISEMI-SF161CTA Datasheet
346Kb / 2P
16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SF161CT

ManufacturerPart #DatasheetDescription
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 BYTES-SF161 Datasheet
167Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 FORMOSA-SF161 Datasheet
41Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
FR1601 UNIOHM-FR1601 Datasheet
71Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 UNIOHM-SF161 Datasheet
75Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SFF161CT GWSEMI-SFF161CT Datasheet
76Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
SF161 DGNJDZ-SF161 Datasheet
187Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com