Electronic Components Datasheet Search
  English  ▼

X  

AD5539 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 3 Page - Analog Devices

  AD5539_15 Datasheet HTML 1Page - Analog Devices AD5539_15 Datasheet HTML 2Page - Analog Devices AD5539_15 Datasheet HTML 3Page - Analog Devices AD5539_15 Datasheet HTML 4Page - Analog Devices AD5539_15 Datasheet HTML 5Page - Analog Devices AD5539_15 Datasheet HTML 6Page - Analog Devices AD5539_15 Datasheet HTML 7Page - Analog Devices AD5539_15 Datasheet HTML 8Page - Analog Devices AD5539_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD5539J
AD5539S
Parameter
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Positive Output Swing
RL = 150
Ω3
+2.3
+2.8
+2.3
+2.8
V
RL = 2 k
Ω
+2.3
+3.3
+2.5
+3.3
V
TMIN to TMAX with
RL = 2 k
Ω
+2.3
+2.3
V
Negative Output Swing
RL = 150 Ω
3
–2.2
–1.7
–2.2
–1.7
V
RL = 2 k
Ω
–2.9
–1.7
–2.9
–2.0
V
TMIN to TMAX with
RL = 2 kΩ
–1.5
–1.5
V
POWER SUPPLY (No Load, No Resistor to –VS)
Rated Performance
±8
±8V
Operating Range
4.5
10
4.5
10
V
Quiescent Current
Initial ICC+14
18
14
17
mA
TMIN to TMAX
20
18
mA
Initial ICC–11
15
11
14
mA
TMIN to TMAX
17
15
mA
PSRR
Initial
100
1000
100
1000
µV/V
TMIN to TMAX
2000
2000
µV/V
TEMPERATURE RANGE
Operating,
Rated Performance
Commercial (0
°C to +70°C)
AD5539JN, AD5539JQ
Military (–55
°C to +125°C)
AD5539SQ
PACKAGE OPTIONS
Plastic (N-14)
AD5539JN
Cerdip (Q-14)
AD5539JQ
AD5539SQ, AD5539SQ/883B
J and S Grade Chips Available
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C.
3R
X = 470 Ω to –VS.
4Externally compensated.
5Defined as voltage between inputs, such that neither exceeds +2.5 V, –5.0 V from ground.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing
quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
REV. B
–3–
AD5539
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com