Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-77 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-77
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-77 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-77 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-77 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ICS9248-77
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.24
V
Output Low Voltage
VOL2B
IOL = 12.0 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-31
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
25
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.35
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.4
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
454755%
Skew
tsk2B
1
VT = 1.25 V
63
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
125
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
65
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
148
+250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPU/2
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.24
V
Output Low Voltage
VOL2B
IOL = 12.0 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-31
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.2
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.2
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
454955%
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
125
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
50
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
97
+250
ps
1Guaranteed by design, not 100% tested in production.
Group Offset
Group
Offset
Measurement L oads
Measure Points
CPU to 3V66
0.0-1.5ns CPU leads
C PU @ 20pF, 3V66 @ 30pF
CPU @1.25V, 3V66 @ 1.5V
3V66 to PCI
1.5-4.0ns 3V66 leads
3V66 @ 30pF, PCI @ 30pF
3V66 @ 1.5V, PC I @ 1.5V
CPU to IOAPIC
1.5-4.0ns CPU leads
CPU @ 20pF, IOAPIC @ 20pF
CPU @1.25V, IOAPIC @ 1.5V
No te: 1. All offsets are to be meas ured at rising edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com