Electronic Components Datasheet Search
  English  ▼

X  

01432 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 01432
Description  POWER SNAP, RIGHT ANGLE SOLDER MOUNT 18 AWG 10 AMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

01432 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  01432 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANGLES: ± 2°
SCALE: 8:1
DRAWING
DRAWN
CUSTOMER
BY
ER7306
DESCRIPTION
D
REV
XX/XX/XX
XXX
DATE
APPROVED
05/16/07
WPM
DATE
APPROVED
05/16/07
DCam
DATE
APPROVED
03/08/07
PSM
DATE APPD
DATE
REVISED PER
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
1
SHT
OF
Wallingford, Connecticut 06492
lec
SD01432G
ronics
18 AWG, 10 AMP
REV
RIGHT ANGLE SOLDER MOUNT
A
POWER SNAP,
t
D
WinchesterE
Winchester Electronics Corporation
62 Barnes Industrial Road North
1
.144 PIN
ACCEPTS
.314
.275 6.99
.144 3.66
7.98
.054±.003 1.37±.08
RECOMMENDED CABLE TRIM DIMENSIONS
EQUIVILENT
18 AWG OR
.275 6.99
.218 5.54
ACROSS FLATS
CATALOG P/N: 01432G
NOTES: UNLESS OTHERWISE SPECIFIED
1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD74-0000.
2. MATERIAL SPECIFICATIONS:
COPPER ALLOY
3. FINISH SPECIFICATIONS:
.000030 MIN. GOLD PER ASTM B488 OVER .000080 MIN. NICKEL PER AMS QQ-N-290.
4. ELECTRICAL SPECIFICATIONS:
CURRENT RATING: 10 AMPS
5. FOR USE WITH 16 AWG WIRE OR EQUIVALENT.
6. REFER TO CAP10-01 FOR CABLE ASSEMBLY PROCEDURE.


Similar Part No. - 01432

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
014320 LEGRAND-014320 Datasheet
172Kb / 1P
cylindrical cartridge fuses
logo
Weidmuller
0143200000 WEIDMULLER-0143200000 Datasheet
1Mb / 52P
SAK-series
logo
ERNI Electronics
014321 ERNI-014321 Datasheet
48Kb / 1P
Coaxial Male Contact 50 Ohm
logo
Legrand North America, ...
014325 LEGRAND-014325 Datasheet
172Kb / 1P
cylindrical cartridge fuses
logo
Winchester Electronics ...
01432G WINCHESTER-01432G Datasheet
29Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 18 AWG 10 AMP
More results

Similar Description - 01432

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD01358 WINCHESTER-SD01358 Datasheet
28Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
SD01361 WINCHESTER-SD01361 Datasheet
71Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
SD01362 WINCHESTER-SD01362 Datasheet
73Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
SD01431G WINCHESTER-SD01431G Datasheet
72Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
SD01432G WINCHESTER-SD01432G Datasheet
29Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 18 AWG 10 AMP
01358 WINCHESTER-01358 Datasheet
28Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
01359 WINCHESTER-01359 Datasheet
144Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
01361 WINCHESTER-01361 Datasheet
71Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
01362 WINCHESTER-01362 Datasheet
73Kb / 1P
POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
01431 WINCHESTER-01431 Datasheet
71Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com