Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-78 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-78
Description  Frequency Timing Generator for Pentium II Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-78 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-78 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-78 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ICS9248-78
Preliminary Product Preview
Frequency Selection
Clock Enable Configuration
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O
Note:
* These output frequencies are not synchronous to CPUCLK and do not have spread spectrum modulation.
3
S
F2
S
F1
S
F0
S
F
U
P
C
z
H
M
M
A
R
D
S
z
H
M
I
C
P
z
H
M
z
H
M
6
6
V
3
z
H
M
C
I
P
A
O
I
0
=
6
6
V
3
_
L
E
S1
=
6
6
V
3
_
L
E
S
0
000
3
2
.
0
0
13
2
.
0
0
11
4
.
3
32
8
.
6
62
8
.
6
60
7
.
6
1
00
0
1
0
9
.
0
0
10
9
.
0
0
13
6
.
3
36
2
.
7
66
2
.
7
61
8
.
6
1
00
1
0
0
0
.
5
0
10
0
.
5
0
10
0
.
5
30
0
.
0
70
0
.
0
70
5
.
7
1
00
1
1
9
8
.
6
63
3
.
0
0
14
4
.
3
39
8
.
6
69
8
.
6
62
7
.
6
1
01
0
0
0
0
.
0
2
10
0
.
0
2
10
0
.
0
4*
0
0
.
4
60
0
.
0
80
0
.
0
2
01
0
1
0
0
.
4
2
10
0
.
4
2
13
3
.
1
4*
0
0
.
4
66
6
.
2
87
6
.
0
2
01
1
0
0
3
.
3
3
10
3
.
3
3
13
4
.
4
4*
0
0
.
4
66
8
.
8
81
2
.
2
2
0
111
0
3
.
3
3
10
3
.
3
3
12
3
.
3
35
6
.
6
65
6
.
6
66
6
.
6
1
1
000
0
0
.
0
4
10
0
.
0
4
10
0
.
5
30
0
.
0
70
0
.
0
70
5
.
7
1
10
0
1
0
0
.
0
5
10
0
.
0
5
10
5
.
7
3*
0
0
.
4
60
0
.
5
75
7
.
8
1
10
1
0
9
9
.
4
1
19
9
.
4
1
13
3
.
8
3*
0
0
.
4
66
6
.
6
76
1
.
9
1
10
1
1
0
0
.
0
70
0
.
5
0
10
0
.
5
30
0
.
0
70
0
.
0
70
5
.
7
1
11
0
0
0
0
.
5
70
5
.
2
1
10
5
.
7
3*
0
0
.
4
60
0
.
5
75
7
.
8
1
11
0
1
1
3
.
3
86
9
.
4
2
15
6
.
1
4*
0
0
.
4
61
3
.
3
83
8
.
0
2
11
1
0
0
0
.
0
90
0
.
0
90
0
.
0
30
0
.
0
60
0
.
0
60
0
.
5
1
1
111
0
0
.
5
90
0
.
5
97
6
.
1
33
3
.
3
63
3
.
3
63
8
.
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com