Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-87 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-87
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-87 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-87 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-87 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-87
Third party brands and names are the property of their respective owners.
Block Diagram
9248-87 Rev D 10/27/00
Recommended Application:
810/810E type chipset.
Output Features:
•
2- CPUs @2.5V, up to 155MHz.
•
9 - SDRAM @ 3.3V, up to 155MHz.
•
8 - PCICLK @ 3.3V
•
1 - IOAPIC @ 2.5V,
•
2 - 3V66MHz @ 3.3V
•
2- 48MHz, @3.3V fixed.
•
1- 24/48MHz, @3.3V
•
1- REF @3.3V, 14.318MHz.
Features:
•
Up to 155MHz frequency support
•
Support FS0-FS3 strapping status bit for I
2C read back.
•
Support power management: Power down Mode from I
2C
programming.
•
Spread spectrum for EMI control ( ± 0.25% center).
•
Uses external 14.318MHz crystal
Skew Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: < 250ps
•
3V66 – 3V66: <175ps
•
PCI – PCI: <500ps
•
For group skew specification, please refer to group
timing relationships table.
Preliminary Product Preview
Functionality
Pin Configuration
48-Pin 300mil SSOP
*: These inputs have a 120K pull up to VDD.
1: These are double strength.
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
/
U
P
C
M
A
R
D
S
M
A
R
D
S
)
z
H
M
(
6
6
V
3
)
z
H
M
(
K
L
C
I
C
P
*
6
6
V
3
(
)
2
/
1
)
z
H
M
(
C
I
P
A
O
I
*
I
C
P
(
)
2
/
1
)
z
H
M
(
C
I
P
A
O
I
)
I
C
P
(
)
z
H
M
(
00
00
3
.
3
80
0
.
13
.
3
88
4
.
5
54
7
.
7
27
8
.
3
14
7
.
7
2
00
0
1
0
0
.
4
2
10
0
.
10
0
.
4
2
17
6
.
2
83
3
.
1
47
6
.
0
23
3
.
1
4
00
1
0
0
0
.
5
5
10
0
.
10
0
.
5
5
13
3
.
3
0
17
6
.
1
53
8
.
5
27
6
.
1
5
00
11
6
9
.
3
4
13
3
.
10
0
.
8
0
10
0
.
2
70
0
.
6
30
0
.
8
10
0
.
6
3
01
0
0
0
0
.
0
77
6
.
00
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3
01
01
0
0
.
2
1
10
0
.
10
0
.
2
1
17
6
.
4
73
3
.
7
37
6
.
8
13
3
.
7
3
01
1
0
0
0
.
0
5
10
0
.
10
0
.
0
5
10
0
.
0
0
10
0
.
0
50
0
.
5
20
0
.
0
5
01
1
1
0
0
.
0
4
13
3
.
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3
10
0
0
3
3
.
8
67
6
.
00
5
.
2
0
13
3
.
8
67
1
.
4
38
0
.
7
17
1
.
4
3
10
0
1
0
0
.
7
0
10
0
.
10
0
.
7
0
13
3
.
1
77
6
.
5
33
8
.
7
17
6
.
5
3
10
10
0
0
.
8
3
10
0
.
10
0
.
8
3
10
0
.
2
90
0
.
6
40
0
.
3
20
0
.
6
4
10
1
1
3
3
.
7
3
13
3
.
10
0
.
3
0
17
6
.
8
64
3
.
4
37
1
.
7
14
3
.
4
3
11
00
0
8
.
6
67
6
.
00
2
.
0
0
10
8
.
6
60
4
.
3
30
7
.
6
10
4
.
3
3
11
0
1
0
3
.
0
0
10
0
.
10
3
.
0
0
10
8
.
6
60
4
.
3
30
7
.
6
10
4
.
3
3
11
1
0
0
6
.
3
3
10
0
.
10
6
.
3
3
17
0
.
9
83
5
.
4
47
2
.
2
23
5
.
4
4
11
11
0
6
.
3
3
13
3
.
10
2
.
0
0
10
8
.
6
60
4
.
3
30
7
.
6
10
4
.
3
3
Frequency Generator & Integrated Buffers for Celeron & PII/III™
SEL24_48#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK [1:0]
SDRAM [7:0]
SDRAM_F
IOAPIC
PCICLK [7:0]
8
2
8
2
2
3V66 [1:0]
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
SDATA
SCLK
IC
2
FS[3:0]
PD#
Control
Logic
Config.
Reg.
/ 2
REF1
{
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS9248-87

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
More results

Similar Description - ICS9248-87

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com