Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-08 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-08 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9250-08
Third party brands and names are the property of their respective owners.
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.3
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-35
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.4
1.8
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.35
1.8
ns
dt1B
1
VT = 1.25 V; CPU < 120MHz
45
45
55
dt2B
1
VT = 1.25 V; CPU >= 124MHz
35
43
50
tsk2B
1
VT = 1.25 V; CPU >= 100 MHz
150
175
tsk2B
1
VT = 1.25 V; CPU < 100 MHz
170
240
Jitter, One Sigma
tj1σ2B
1
VT = 1.25 V
35
150
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
99
+250
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
210
250
1Guaranteed by design, not 100% tested in production.
ps
%
Duty Cycle
Skew
ps
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-52
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
41
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.2
2.6
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.8
2.2
ns
Duty Cycle
1
dt1
VT = 1.5 V
46
50
56
%
tsk1
VT = 1.5 V; All PCI clocks including PCI0
400
850
tsk1
VT = 1.5 V; All PCI clocks except PCI0
250
500
Jitter, One Sigma
1
tj1σ1
VT = 1.5 V
15
150
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-250
60
250
1Guaranteed by design, not 100% tested in production.
ps
Skew
1 window
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com