Electronic Components Datasheet Search
  English  ▼

X  

409997 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 409997
Description  Temperature Probes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

409997 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  409997 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/15/14 - R1
Use with thermocouple thermometers and
multimeters with Type K and Type J functions
Temperature Probes
TP870
TP882
TP873
872502
801515
881602
871515
881605
881616
TP875
Bead Wire Type K and J Temperature Probes
• TP870 ............Bead wire; 39" (1m) cable; subminiature
Type K connector; (-40 to 482°F/-40 to 250°C);
• 872502..........Bead Wire; 39" (1m) cable; subminiature Type J connector;
Range (-40 to 392°F/-40 to 200°C)
• TP873 ............Bead wire; 36" (.91m) cable; subminiature Type K
with banana connector; Range (-22 to 572°F/-30 to 300°C)
• TP873-5M.....Bead wire; 16.4ft (5m) cable; subminiature Type K
with banana connector; Range (-22 to 572°F/-30 to 300°C)
• TP875 ............High temperature bead wire probe; 39" (1m) cable; subminiature
Type K with banana connector; Range (-58 to 1000°F/-58 to 538°C)
Type K and J Temperature Probes
Penetration
• TP882 ...... 5.9" (150mm) High Temperature Penetration Probe;
Stainless steel 304; 72" (183cm) cable; probe diameter 0.13" (3.3mm);
Type K, Range (-40 to 1000°F/-40 to 538°C)
General Purpose
• 871515.... 4" (100mm) General Purpose Probe; 39" (1m) cable; probe
diameter 0.126" (3.2mm);Type K, Range (-40 to 1292°F/-40 to 700°C)
• 881605.... 5.9" (150mm) General Purpose Probe; Stainless steel 316;
78.7" (200cm) coiled cable; probe diameter 0.126" (3.2mm);Type K,
Range (-40 to 1472°F/-40 to 800°C)
• 801515.... 4" (150mm) General Purpose Probe; 44"(112cm) cable;
diameter 0.126" (3.2mm); Type J, Range (-40 to 842°F/-40 to 450°C)
Immersion
• 881603.... 5.9" (150mm) Immersion Probe; Stainless steel 316;
78.7" (200cm) coiled cable; diameter 0.126" (3.2mm); Type K,
Range (-40 to1472°F/-40 to 800°C)
Surface
• 881602.... 5.7" (144.7mm) Surface Probe; Stainless steel 304;
78.7" (200cm) coiled cable; diameter 0.314" (8mm); Type K,
Range(-40 to 932°F/-40 to 500°C)
• 881616.... Magnetized Type K Surface Probe with subminiature connector; 6' teflon
cable with strain relief, 1" x 0.75" surface area; Range -40°F to 482°F (-40°C to 250°C);
Includes replacement temperature element
881603


Similar Part No. - 409997

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
409992 EXTECH-409992 Datasheet
254Kb / 1P
Compact Analog MultiMeter
409992 EXTECH-409992 Datasheet
313Kb / 1P
Mini Analog MultiMeter
409992 EXTECH-409992 Datasheet
192Kb / 1P
Pocket Fold-up Thermometer
409992 EXTECH-409992 Datasheet
186Kb / 1P
Pocket Hygro-Thermo-Anemometer
409992 EXTECH-409992 Datasheet
178Kb / 1P
Battery Operated Datalogger
More results

Similar Description - 409997

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com