Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-14 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-14
Description  Frequency Timing Generator for Pentium II Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-14 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ICS9250-14
Preliminary Product Preview
Frequency Selection
Clock Enable Configuration
Note:
* These output frequencies are not synchronous to CPUCLK and do not have spread spectrum modulation.
4
S
F3
S
F2
S
F1
S
F0
S
F
U
P
C
z
H
M
M
A
R
D
S
z
H
M
z
H
M
6
6
V
3
I
C
P
z
H
M
z
H
M
C
I
P
A
O
I
0
0
000
1
8
.
7
61
7
.
1
0
11
8
.
7
60
9
.
3
35
9
.
6
1
00
0
0
1
0
0
.
0
70
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
1
00
0
1
0
1
0
.
2
71
0
.
8
0
11
0
.
2
70
0
.
6
30
0
.
8
1
00
0
1
1
7
6
.
6
60
0
.
0
0
17
6
.
6
63
3
.
3
37
6
.
6
1
00
1
0
0
1
0
.
3
71
5
.
9
0
11
0
.
3
70
5
.
6
35
2
.
8
1
00
1
0
1
0
0
.
5
70
5
.
2
1
10
0
.
5
70
5
.
7
35
7
.
8
1
00
1
1
0
0
0
.
7
70
5
.
5
1
10
0
.
7
70
5
.
8
35
2
.
9
1
0
0
111
1
0
.
8
71
0
.
7
1
11
0
.
8
70
0
.
9
30
5
.
9
1
0
1
000
0
0
.
0
80
0
.
0
2
10
0
.
0
80
0
.
0
40
0
.
0
2
01
0
0
1
0
0
.
3
81
5
.
4
2
10
0
.
3
80
5
.
1
45
7
.
0
2
01
0
1
0
9
4
.
4
84
7
.
6
2
19
4
.
4
85
2
.
2
42
1
.
1
2
01
0
1
1
0
0
.
0
0
10
0
.
0
5
10
0
.
0
0
10
0
.
0
50
0
.
5
2
01
1
0
0
8
0
.
6
82
1
.
9
2
18
0
.
6
84
0
.
3
42
5
.
1
2
01
1
0
1
0
0
.
8
80
0
.
2
3
10
0
.
8
80
0
.
4
40
0
.
2
2
01
1
1
0
0
0
.
0
90
0
.
5
3
10
0
.
0
90
0
.
5
40
5
.
2
2
0
1
111
0
0
.
5
90
5
.
2
4
10
0
.
5
90
5
.
7
45
7
.
3
2
1
0
000
0
9
.
9
40
9
.
9
46
2
.
3
33
6
.
6
12
3
.
8
10
0
0
1
0
0
.
0
0
10
0
.
0
0
16
6
.
6
63
3
.
3
37
6
.
6
1
10
0
1
0
5
8
.
4
75
8
.
4
70
9
.
9
45
9
.
4
27
4
.
2
1
10
0
1
1
8
5
.
6
68
5
.
6
69
3
.
4
49
1
.
2
20
1
.
1
1
10
1
0
0
4
8
.
2
84
8
.
2
83
2
.
5
51
6
.
7
21
8
.
3
1
10
1
0
1
1
8
.
9
81
8
.
9
88
8
.
9
54
9
.
9
27
9
.
4
1
10
1
1
0
0
8
.
4
90
8
.
4
90
2
.
3
60
6
.
1
30
8
.
5
1
1
0
111
0
5
.
0
0
10
5
.
0
0
10
0
.
7
60
5
.
3
35
7
.
6
1
1
1
000
8
7
.
4
0
18
7
.
4
0
16
8
.
9
63
9
.
4
36
4
.
7
1
11
0
0
1
7
7
.
1
1
17
7
.
1
1
12
5
.
4
76
2
.
7
33
6
.
8
1
11
0
1
0
7
7
.
4
1
17
7
.
4
1
11
5
.
6
76
2
.
8
33
1
.
9
1
11
0
1
1
0
0
.
0
0
10
0
.
0
0
16
6
.
6
63
3
.
3
37
6
.
6
1
11
1
0
0
5
7
.
3
2
15
7
.
3
2
10
5
.
2
85
2
.
1
42
6
.
0
2
11
1
0
1
4
7
.
2
3
14
7
.
2
3
19
4
.
8
85
2
.
4
42
1
.
2
2
11
1
1
0
5
7
.
9
3
15
7
.
9
3
16
1
.
3
98
5
.
6
49
2
.
3
2
1
1
111
9
6
.
9
4
19
6
.
9
4
19
7
.
9
90
9
.
9
45
9
.
4
2
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com