Electronic Components Datasheet Search
  English  ▼

X  

DM110 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # DM110
Description  Mini Pocket MultiMeter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM110 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  DM110_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
DM110 ..........Mini Pocket MultiMeter
Specifications subject to change without notice.
Copyright © 2007-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
1/13/12 - R2
Autoranging with 10 functions including Frequency, Capacitance, and DutyCycle
With Diode Test and Continuity Beeper.
Mini Pocket MultiMeter
Features:
• Large high contrast 4000 count LCD display
• Auto Power off to conserve battery life
• Autoranging with Relative and Data Hold
• Diode Test and Continuity Beeper
• Built-in storage compartment for integrated test leads
• Protective rubber holster provides extra protection on the meter
• Over-range and low battery indication
• Complete with test leads, protective holster,
one CR 2032 button battery and carrying case
Applications:
• Home wiring projects
• Testing electrical systems on cars and boats
• Hobby projects
Includes holster and pouch
carrying case for added protection
Specifications
Range
Max. Resolution
Basic Accuracy (%rdg+digits)
DC Voltage
500V
0.1mV
±(1.3% + 3d)
AC Voltage
500V
1mV
±(2.3% + 5d)
DC Current
400.0mA
0.01mA
±(2.0% + 5d)
AC Current
400.0mA
0.01mA
±(2.5% + 10d)
Resistance
400 to 40MΩ
0.1Ω
±(2.0% + 5d)
Capacitance
200μF
0.001nF
±(3.0% + 15d)
Frequency
9Hz to 10MHz
0.001Hz
±(2% +5d)
Duty Cycle
0.1% to 99.9%
0.1%
±(2% +5d)
Diode Test
Test Current at 0.6mA
Continuity Test
Audible beep <60Ω
Dimensions
4.25 x 2.2 x 0.5" (108 x 56 x 11.5mm)
Weight
1.7oz (50g)
Integrated test leads for
accurate readings


Similar Part No. - DM110_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
More results

Similar Description - DM110_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
Mini Analog MultiMeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
Autoranging Mini Multimeter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
MN35 EXTECH-MN35 Datasheet
122Kb / 10P
Manual Ranging Mini MultiMeter
MN36 EXTECH-MN36 Datasheet
95Kb / 2P
Auto-Ranging Mini MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
Mini Analog MultiMeter
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
CAT IV Pocket MultiMeter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com