Electronic Components Datasheet Search
  English  ▼

X  

ST15100 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST15100
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST15100 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST15100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1038, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST15100
STB15100
STF15100
STD15100
ST15100/STB15100/STF15100/STD15100
SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
•
Center tap configuration
Features:
•
150
°°°°C T
J operation
•
Center tap configuration
•
Ultralow forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
Mechanical Dimensions: In Inches / mm
TO-220AC
ST15100
TO-220AC
STB15100
D²
²²
²PAK
STF15100
ITO-220AC
STD15100
DPAK
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
1.17
1.27
1.37
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
D
14.64
14.94
15.24
D1
8.55
8.07
8.85
E
10.01
10.16
10.31
E1
9.98
10.18
10.38
e1
5.08
H1
6.04
6.24
6.44
L
13.00
13.86
14.08
L1
3.80
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
5°
Θ2
4°
Θ3
4°


Similar Part No. - ST15100

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ST15100 SMCDIODE-ST15100 Datasheet
633Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
ST15100C SMC-ST15100C Datasheet
195Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST15100C SMCDIODE-ST15100C Datasheet
396Kb / 6P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - ST15100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com