Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-32 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-32
Description  Frequency Generator & Integrated Buffers for PII/III?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-32 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
ICS9250-32
Third party brands and names are the property of their respective owners.
Ordering Information
ICS9250yF-32-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP - T
MIN
MA X
MIN
MA X
A
2.413
2.794
.095
.110
A 1
0.203
0.406
.008
.016
b
0.203
0.343
.008
.0135
c
0.127
0.254
.005
.010
D
E
10.033
10.668
.395
.420
E1
7.391
7.595
.291
.299
e
0.635 BA SIC
0.025 BA SIC
h
0.381
0.635
.015
.025
L
0.508
1.016
.020
.040
N
α
0°
8°
0°
8°
V A RIA TIONS
MIN
MA X
MIN
MA X
28
9.398
9.652
.370
.380
34
11.303
11.557
.445
.455
48
15.748
16.002
.620
.630
56
18.288
18.542
.720
.730
64
20.828
21.082
.820
.830
J EDE C MO- 118
DOC# 10- 0034
6/1/00
RE VB
SY MBOL
SEE VA RIATIONS
SEE VA RIATIONS
In Millimeters
COMMON DIMENSIONS
In Inc hes
COMMON DIMENSIONS
SEE VARIA TIONS
N
D mm.
D (inc h)
SEE VARIA TIONS
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com