Electronic Components Datasheet Search
  English  ▼

X  

ICSSSTV16859 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICSSSTV16859
Description  DDR 13-Bit to 26-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTV16859 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICSSSTV16859 Datasheet HTML 1Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTV16859 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICSSSTV16859
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
The 13-bit to 26-bit ICSSTV16859 is a universal bus driver designed for 2.3V to 2.7V VDD operation and SSTL_2
I/O Levels except for the RESET# input which is LVCMOS.
Data flow from D to Q is controlled by the differential clock, CLK, CLK# and RESET#. Data is triggered on the
positive edge of CLK. CLK# must be used to maintain noise margins. RESET# must be supported with LVCMOS
levels as VREF may not be stable during power-up. RESET# is asynchronous and is intended for power-up only and
when low assures that all of the registers reset to the Low State, Q outputs are low, and all input receivers, data and
clock are switched off.
The ICSSSTV16859 supports low-power standby operation. When RESET# is LOW, the differential input receivers
are disabled, and are allowed. In addition, when RESET# is LOW, all registers are reset, and all outputs are forced
LOW. The LVCMOS RESET# input must always be held at a valid logic HIGH or LOW level.
To ensure defined outputs from the register before a stable clock has been supplied, RESET# must be held in the
LOW state during power up.
In the DDR DIMM application RESET# is specified to be completely asynchronous with respect to CK and CK#.
Therefore, no timing relationship can be guaranteed between the two. When entering RESET#, the register will be
cleared and the outputs will be driven LOW quickly, relative to the time to disable the differential input receivers,
thus ensuring no glitches on the output. However, when coming out of RESET#, the register will become active
quickly, relative to the time to enable the differential input receivers. When the data inputs are LOW, and the clock
is stable, during the time from the LOW-to-HIGH transition of RESET# until the input receivers are fully enabled, the
design must ensure that the outputs will remain LOW.
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
)
1
:
3
1
(
QT
U
P
T
U
Ot
u
p
t
u
o
a
t
a
D
D
N
GR
W
Pd
n
u
o
r
G
Q
D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
t
u
O
)
1
:
3
1
(
DT
U
P
N
It
u
p
n
i
a
t
a
D
K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
i
s
o
P
#
K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
a
g
e
N
D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
e
r
o
C
#
T
E
S
E
RT
U
P
N
I)
w
o
l
e
v
i
t
c
a
(
t
e
s
e
R
F
E
R
VT
U
P
N
Il
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
n
I
D
A
P
r
e
t
n
e
CR
W
P)
y
l
n
o
e
g
a
k
c
a
p
2
F
L
M
(
d
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com