Electronic Components Datasheet Search
  English  ▼

X  

MK1413 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1413
Description  MPEG Audio Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1413 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1413 Datasheet HTML 1Page - Integrated Circuit Systems MK1413 Datasheet HTML 2Page - Integrated Circuit Systems MK1413 Datasheet HTML 3Page - Integrated Circuit Systems MK1413 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK1413
MPEG Audio Clock Synthesizer
MDS 1413 B
2
Revision 091697
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
PRELIMINARY INFORMATION
Number
Name
Type Description
1
X1
I
Crystal Connection. Connect to a 14.31818 MHz crystal or clock.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
NC
-
No Connect.
5
CLK
O
Audio Clock Output as per table above.
6
S1
I
Frequency Select 1 Input. Determines CLK output as per table above.
7
S0
I
Frequency Select 0 Input. Determines CLK output as per table above.
8
X2
O
Crystal Connection to a 14.31818 MHz crystal, or leave unconnected for clock input.
Pin Descriptions
Key: I = Input, O = output, P = power supply connection
Pin Assignment
External Components/Crystal Selection
A minimum number of external components are required for proper oscillation. For a crystal input, one
load capacitor should be connected to each of the X1 and X2 pins and ground, and a parallel resonant
14.31818 MHz crystal is recommended. The value (in pF) of each crystal load capacitor should equal
(CL-4)*2, where CL is the crystal’s load (correlation) capacitance in pF. The frequency tolerance of the
crystal should be 50ppm or better. For a clock input, connect to X1 and leave X2 unconnected. A
decoupling capacitor of 0.1µF should be connected between VDD and GND on pins 2 and 3, and 33
Ω
terminating resistor may be used on the clock output if the trace is longer than 1 inch.
1
8
2
3
4
7
6
5
X1
S0
GND
X2
VDD
CLK
8 pin SOIC
NC
S1
S1
S0
Audio Clock
Accuracy
pin 6
pin 7
pin 5
(ppm)
0
0
8.192 MHz
-2 ppm
0
1
11.2896 MHz
-24 ppm
1
0
12.288 MHz
-2 ppm
1
1
16.9344 MHz
-24 ppm
Audio Clock Output Select Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com