Electronic Components Datasheet Search
  English  ▼

X  

MS6060 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MS6060
Description  2-Channel Digital Oscilloscopes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS6060 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MS6060 Datasheet HTML 1Page - Extech Instruments Corporation. MS6060 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.extech.com
Specifications subject to change without notice. Copyright © 2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
Specifications
MS6060
MS6100
MS6200
Bandwidth
60MHz
100MHz
200MHz
Sample rate per channel
500MS/s
500MS/s
500MS/s
Risetime
5.8ns
3.5ns
1.8ns
Timebase Range
4ns/div to 40s/div
4ns/div to 40s/div
2ns/div to 40s/div
Common Features/Functions
Oscilloscope Functions
Record Length
1M points per channel
Display Size
5.6" (142mm) color LCD; 640 x 480 pixels
Channels
2
Vertical Sensitivity
2mV/div to 5V/div
Vertical Resolution
8 bits
Glitch Capture
Yes
Sample Mode
Normal, Average, Peak Detect
Trigger Modes
Edge, Pulse, Alt, Video, Slope
Trigger Source
CH1, CH2
Trigger Coupling
AC, DC, LF, HF, Noise Reduction
Input impedance
1MΩ/20pF
Max Input Voltage
300V (peak)
Cursor Measurement
Voltage and time; Delta (CH1-CH2)
True RMS MultiMeter Functions
AC Voltage
60mV, 600mV, 6V, 60V, 600V
DC Voltage
60mV, 600mV, 6V, 60V, 600V, 800V
AC/DC Current
60mA, 600mA, 10A
Resistance
600Ω, 6kΩ, 60kΩ, 600kΩ, 6MΩ, 60MΩ
Capacitance
5nF to 400μF
Diode and Continuity
Yes
Power Supply
3 hours Li-ion rechargeable battery; AC Charger
Dimensions/Weight
9.6 x 6.4 x 2" (245 x 163 x 52mm) / 2.6lbs (1.2kg)
Ordering
MS6060 ............. 60MHz Dual Channel Digital Oscilloscope
MS6100 ............. 100MHz Dual Channel Digital Oscilloscope
MS6200 ............. 200MHz Dual Channel Digital Oscilloscope
BATT-74V ........... 7.4V Li-Ion Replacement Battery
TL620................. 1X/10X 200MHz Oscilloscope Probe
TL625................. High Voltage Oscilloscope Probe 100MHz, 2000V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com