Electronic Components Datasheet Search
  English  ▼

X  

PS115 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PS115
Description  Differential Pressure Manometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PS115 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PS115 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS100 Series Differential
Pressure Manometers
Extech’s Differential Pressure Manometers series are ideal for
field, manufacturing or lab/R&D use Three models offer ranges
for various applications: 1psi, 6psi, 15psi. Each model displays
readings in 11 units with high resolution.
Applications:
- HVAC: Pressure drop at filters and pressure loss in ducts
- Testing pneumatic controls and pressurized equipment in manufacturing
- Clean rooms and medical equipment
- Testing and adjusting regulators
- Positive pressure testing in clean rooms & operating rooms
- Boiler installation and gas furnace pressure switch testing
Features
•
Three models to choose from:
- Model PS101 (±1psi range)
- Model PS106 (±6psi range)
- Model PS115 (±15psi range)
•
11 units of measure to choose from
•
Manually store/recall 99 readings
•
Max/Min recording and Relative time stamp
•
Data Hold and Auto power off with disable
•
Large LCD display with backlighting
•
Zero function for offset correction or measurement
•
Complete with six AAA batteries, two connection hoses
and hard carrying case
Specifications
PS101 Range / Max Resolution
PS106 Range / Max Resolution
PS115 Range / Max Resolution
Basic Accuracy
psi
1psi
0.001psi
6psi
0.001psi
15psi
0.001psi
±1%FS
kPa
6.89kPa
0.01kPa
41.37kPa
0.01kPa
103.42kPa
0.01kPa
±1%FS
mmHg
51.7mmHg
0.1mmHg
310.3mmHg
0.1mmHg
775.7mmHg
0.1mmHg
±1%FS
kgcm2
0.07kgcm2
0.001kgcm2
0.422kgcm2
0.001kgcm2
1.055kgcm2
0.001kgcm2
±1%FS
mbar
68.9mbar
0.1mbar
413.7mbar
0.1mbar
1034.2mbar
0.1mbar
±1%FS
bar
0.069bar
0.001bar
0.414bar
0.001bar
1.034bar
0.001bar
±1%FS
inH
2O
27.68inH
2O
0.01inH
2O
166.08inH
2O
0.01inH
2O
415.20inH
2O
0.01inH
2O
±1%FS
mmH
2O
703mmH
2O
1mmH
2O
4218mmH
2O
1mmH
2O
10546mmH
2O
1mmH
2O
±1%FS
inHg
2.036inHg
0.001inHg
12.216inHg
0.001inHg
30.5inHg
0.001inHg
±1%FS
ftH
2O
2.307ftH
2O
0.001ftH
2O
13.840ftH
2O
0.001ftH
2O
34.6ftH
2O
0.001ftH
2O
±1%FS
ozin2
16.00ozin2
0.01ozin2
96.00ozin2
0.01ozin2
240.00ozin2
0.01ozin2
±1%FS
Dimensions/Wt
6.7 x 3.1 x 1.4" (169 x 78.3 x 34.4mm)/7oz (200g)
Ordering
PS101 ............... Differential Pressure Manometer (1psi)
PS106 ............... Differential Pressure Manometer (6psi)
PS115 ............... Differential Pressure Manometer (15psi)
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 8/7/13


Similar Part No. - PS115

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - PS115

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
PS101 EXTECH-PS101 Datasheet
236Kb / 1P
Differential Pressure Manometers
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
153519 FESTO-153519 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
190892 FESTO-190892 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com