Electronic Components Datasheet Search
  English  ▼

X  

MK2011S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2011S
Description  Fast Ethernet Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2011S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2011S Datasheet HTML 1Page - Integrated Circuit Systems MK2011S Datasheet HTML 2Page - Integrated Circuit Systems MK2011S Datasheet HTML 3Page - Integrated Circuit Systems MK2011S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2011
Fast Ethernet Clock Source
MDS 2011 B
1
Revision 120597
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
The MK2011 is the ideal way to generate clocks
for Fast Ethernet cards or systems. It provides
20MHz, 25MHz, and 50MHz clocks. In an 8 pin
SOIC, the MK2011 can save component count,
board space, and cost over surface mount crystals
and oscillators, and increase reliability by
eliminating two or three mechanical devices from
the board.
MicroClock offers many other clocks for
computers and computer peripherals. Consult
MicroClock when you need to remove crystals and
oscillators from your board.
Block Diagram
Description
Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 20.00 MHz
• Lowest jitter in the industry reliably clocks
sensitive Ethernet devices.
• Output clock frequencies of 20.00 MHz,
25.00 MHz, and 50.00 MHz
• 25mA drive capability at TTL levels
• 3.3V or 5V±10% supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle
Crystal
Oscillator
VDD GND
PLL
Clock Synthesis
Circuitry
Output
Buffer
Output
Buffer
50 MHz
20 MHz
X1
X2
20.00 MHz
xtal or clock
Output
Buffer
25 MHz


Similar Part No. - MK2011S

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK201-B-500W MEDER-MK201-B-500W Datasheet
210Kb / 1P
Reed sensor
MK201-B-500W MEDER-MK201-B-500W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-100W MEDER-MK201-C-100W Datasheet
211Kb / 1P
Reed sensor
MK201-C-100W MEDER-MK201-C-100W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-1500W MEDER-MK201-C-1500W Datasheet
212Kb / 1P
Reed sensor
More results

Similar Description - MK2011S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
Fast Ethernet Clock Source
Revision 121598
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com