Electronic Components Datasheet Search
  English  ▼

X  

A1716 Datasheet(PDF) 3 Page - NEC

Part # A1716
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

A1716 Datasheet(HTML) 3 Page - NEC

  A1716 Datasheet HTML 1Page - NEC A1716 Datasheet HTML 2Page - NEC A1716 Datasheet HTML 3Page - NEC A1716 Datasheet HTML 4Page - NEC A1716 Datasheet HTML 5Page - NEC A1716 Datasheet HTML 6Page - NEC A1716 Datasheet HTML 7Page - NEC A1716 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet G13727EJ1V0DS00
3
µµµµ PA1716
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Mounted on ceramic
substrate of
1200mm x 1.0mm
2
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
−0.1
−0.1
−1
−10
−100
−1
−10
−100
TA = 25 ˚C
Single Pulse
ID(DC)
ID(pulse)
10
ms
1 ms
100
ms
Power
Dissipation
Limited
Remark Mounted on ceramic substrate of
1200 mm
2 x 1.0 mm
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.1
1
100
1000
1 m
10 m
100 m
110
1000
100
100
Mounted on ceramic
substrate of 1200 mm
2 x 1.0 mm
Single Pulse
µ
Rth(ch-A) = 62.5˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com