Electronic Components Datasheet Search
  English  ▼

X  

SD700 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # SD700
Description  Barometric Pressure/Humidity/Temperature Datalogger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SD700 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  SD700 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2010 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
2/8/12 - R1
Records data on an SD card in Excel
® format
For easy transfer to a PC for analysis
Barometric Pressure/Humidity/Temperature Datalogger
Ordering Information:
SD700 ....................Barometric Pressure/Humidity/Temperature Datalogger
Features:
• Displays Barometric Pressure in 3 units of measure:
hPa, mmHg, and inHg
• Triple LCD simultaneously displays Barometric Pressure,
Temperature, and Relative Humidity
• Datalogger date/time stamps and stores readings on an
SD card in Excel
® format for easy transfer to a PC
• Selectable data sampling rate: 5, 10, 30, 60, 120, 300, 600
seconds
• Complete with (6) AAA batteries, 2G SD card, Universal AC
adaptor, and mounting bracket
Applications:
• Monitors Barometric Pressure, Humidity, and Temperature
levels in clean rooms, warehouses, storage rooms, and
water damage restoration projects
Specifications
Barometric Pressure
10 to 1100 hPa; 7.5 to 825.0 mmHg; 0.29 to 3248 inHg
Resolution
0.1 hPa, 0.1mmHg, 0.01inHg
Temperature
32 to 122°F (0 to 50°C)
Resolution/Basic Accuracy
0.1°F(°C) / ±1.5°F (0.8°C)
Relative Humidity
10 to 90%RH
Resolution/Basic Accuracy
0.1% / ±(4% of rdg + 1% RH)
Datalogging
20M data using 2G SD card
Dimensions
5.2 x 3.1 x 1.3" (132 x 80 x 32mm)
Weight
10oz (285g)


Similar Part No. - SD700

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
Quality 3D NAND Flash
logo
List of Unclassifed Man...
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
FAN CONTROLLER
SD7005-C ETC-SD7005-C Datasheet
1Mb / 7P
FAN CONTROLLER
SD7005-D ETC-SD7005-D Datasheet
1Mb / 7P
FAN CONTROLLER
logo
International Rectifier
SD700C IRF-SD700C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
More results

Similar Description - SD700

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42270 EXTECH-42270 Datasheet
92Kb / 1P
Temperature & Humidity Datalogger
42280 EXTECH-42280 Datasheet
199Kb / 1P
Temperature and Humidity Datalogger
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
logo
Fujikura Ltd.
FPBS-04A FUJIKURA-FPBS-04A Datasheet
268Kb / 4P
Barometric pressure measurable
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
42275 EXTECH-42275_15 Datasheet
439Kb / 1P
42265 & 42275 Humidity and Temperature Datalogger Kits
42280 EXTECH-42280_15 Datasheet
164Kb / 1P
Temperature and Humidity Datalogger
RHT50 EXTECH-RHT50 Datasheet
266Kb / 1P
Humidity/Temperature/Pressure Datalogger
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
logo
Testo SE & Co. KGaA
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
Humidity/temperature/pressure measuring instrument
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com